| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 TE Connectivity Ltd |
2351415
|
434Kb / 1P |
M12 MALE STRAIGHT SHIELDED CONNECTOR A8 CODE, CRIMP TYPE, IP 67
Rev. A |
|
2351769
|
110Kb / 1P |
M12 MALE CONTACT A8 CODE
Rev. A |
|
2358992
|
424Kb / 1P |
M12 FEMALE STRAIGHT SHIELDED CONNECTOR IP 67, A8 CODE, CRIMP TYPE
Rev. A |
 NorComp |
858-B05-203RLS4
|
75Kb / 1P |
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-B CODE-8POSITIO5
REV.3 09/27/2019 |
|
858-D04-203RKTY
|
81Kb / 1P |
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-D CODE-4POSITION
REV.4 06/20/2016 |
|
858-D04-203RSSY
|
90Kb / 1P |
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-D CODE-4POSITION
REV.4 05/13/2016 |
|
858-D04-203RSUY
|
94Kb / 1P |
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-D CODE-4POSITION
REV.5 03/07/2016 |
|
859-005-203R2F4
|
74Kb / 1P |
M12 - 5 POS - FEMALE - A-CODE - PG9 THREADS - 2FLATS
REV.00 |
 Bel Fuse Inc. |
CT120024
|
119Kb / 1P |
M12 K-CODE, IP 68 VERTICAL FEMALE
Rev. A0 |
 Amphenol LTW |
M12A-XXPFFS-SF8XXX
|
447Kb / 1P |
M12 A-Code Female Conn Solder Front Type
2015-07-17 |