công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV3801 bảng dữ liệu (PDF) - Texas Instruments

TLV3801 Datasheet PDF - Texas Instruments
tên linh kiện TLV3801_V01
tải về  TLV3801 tải về
kích thước tập tin   2635.14 Kbytes
Page   32 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs

TLV3801 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TLV3801 Datasheet PDF - Texas Instruments

tên linh kiện TLV3801_V01
tải về  TLV3801 Click to download

kích thước tập tin   2635.14 Kbytes
Page   32 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs

TLV3801 bảng dữ liệu (HTML) - Texas Instruments


TLV3801 Thông tin chi tiết sản phẩm

1 Features
• Low propagation delay: 225 ps
• Low overdrive dispersion: 5 ps
• Quiescent current: 20 mA
• High toggle frequency: 3 GHz / 6 Gbps
• Narrow pulse width detection capability: 240 ps
• LVDS output
• Split input and output ground reference
• Single supply voltage: 2.7 V to 5.25 V
• Low input offset voltage: ±0.5 mV
• Internal hysteresis options: 0, 1.5, 2 mV
• Packages: TLV3801 (8-Pin WSON), TLV3811 (6-
Pin WCSP)

2 Applications
• Distance sensing in LIDAR
• Time-of-Flight sensors
• High speed trigger function in oscilloscope and
logic analyzer
• High speed differential line receiver
• Drone vision

3 Description
The TLV3801/TLV3811 are 225-ps high speed
comparators with a wide power supply range and a
very high toggle frequency of 3 GHz. Along with an
operating supply voltage range of 2.7 V to 5.25 V for
single supply and 2.7 V to 5.25 V for split supply,
all of these features come in industry-standard small
packages, making these devices an excellent choice
for LIDAR, differential line receiver applications, and
test and measurement systems.
The TLV3801/TLV3811 have a very strong input
overdrive performance of 5 ps, and narrow pulse
width capabilities of just 240 ps. This combination
of low variation in propagation delay due to input
overdrive and the ability to detect narrow pulses make
these devices excellent choices for Time-of-Flight
(ToF) applications such as in factory automation and
drone vision.
The Low-Voltage-Differential-Signal (LVDS) output of
the TLV3801/TLV3811 helps increase data throughput
and optimizes power consumption. Likewise, the
complementary outputs help to reduce EMI by
suppressing common mode noise on each output.
The LVDS output is designed to drive and interface
directly with other devices that accept a standard
LVDS input, such as most FPGAs and CPUs
downstream in an application.
The TLV3801 is in an 8-pin WSON package while
the TLV3811 is in a tiny 6-pin WCSP package, which
makes them desirable for space sensitive applications
such as an optical sensor module.




Số phần tương tự - TLV3801_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV3801 TI1-TLV3801_V03 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
More results


Mô tả tương tự - TLV3801_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH7322 TI1-LMH7322_14 Datasheet
945Kb / 33P
Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
Quad 700 ps High Speed Comparator with RSPECL Outputs
TLV3604 TI-TLV3604 Datasheet
866Kb / 17P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V02 Datasheet
2Mb / 28P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801-Q1 TI1-TLV3801-Q1_V01 Datasheet
2Mb / 31P
TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
TLV3801 TI1-TLV3801_V03 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com