công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSPM0L1105 bảng dữ liệu (PDF) - Texas Instruments

MSPM0L1105 Datasheet PDF - Texas Instruments
tên linh kiện MSPM0L1105
tải về  MSPM0L1105 tải về
kích thước tập tin   1230.27 Kbytes
Page   28 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện MSPM0L110x Mixed-Signal Microcontrollers

MSPM0L1105 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MSPM0L1105 Datasheet PDF - Texas Instruments

tên linh kiện MSPM0L1105
tải về  MSPM0L1105 Click to download

kích thước tập tin   1230.27 Kbytes
Page   28 Pages
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments
Giải thích chi tiết về linh kiện MSPM0L110x Mixed-Signal Microcontrollers

MSPM0L1105 bảng dữ liệu (HTML) - Texas Instruments


MSPM0L1105 Thông tin chi tiết sản phẩm

1 Features
• Core
– Arm® 32-bit Cortex®-M0+ CPU, frequency up to
32 MHz
• Operating characteristics
– Extended temperature: –40°C to 105°C
– Wide supply voltage range: 1.62 V to 3.6 V
• Memories
– Up to 64KB of flash
– 4KB of SRAM
• High-performance analog peripherals
– One 12-bit 1.45-Msps analog-to-digital
converter (ADC) with up to 10 total external
channels
– Configurable 1.4-V or 2.5-V internal ADC
voltage reference (VREF)
– One general-purpose amplifier (GPAMP)
– Integrated temperature sensor
• Optimized low-power modes
– RUN: 96 μA/MHz (CoreMark)
– STOP: 200 μA at 4 MHz and 45 μA at 32 kHz
– STANDBY: 1.1 μA with SRAM retention
– SHUTDOWN: 83 nA with IO wakeup capability
• Intelligent digital peripherals
– 3-channel DMA controller
– Four 16-bit general-purpose timers, each with
two capture/compare registers supporting lowpower
operation in STANDBY mode, supporting
a total of 8 PWM channels
– Windowed watchdog timer
• Enhanced communication interfaces
– Two UART interfaces; one supports LIN,
IrDA, DALI, Smart Card, Manchester and
both support low-power operation in STANDBY
mode
– One I2C interface supports FM+ (1Mbit/s),
SMBus, PMBus, and wakeup from STOP mode
– One SPI supports up to 16 Mbit/s
• Clock system
– Internal 4- to 32-MHz oscillator with up to ±1%
accuracy (SYSOSC)
– Internal 32-kHz low-frequency oscillator
(LFOSC)
• Data integrity
– Cyclic redundancy checker (CRC-16 or
CRC-32)
• Flexible I/O features
– Up to 28 GPIOs
– Two 5-V tolerant open-drain IOs
• Development support
– 2-pin serial wire debug (SWD)
• Package options
– 32-pin VQFN (RHB)
– 28-pin VSSOP (DGS)
– 24-pin VQFN (RGE)
– 20-pin VSSOP (DGS)
– 16-pin SOT (DYY), WQFN (RTR)1
• Family members
– MSPM0L1105: 32KB of flash, 4KB of RAM
– MSPM0L1106: 64KB of flash, 4KB of RAM
• Development kits and software (also see Tools
and Software)
– LP-MSPM0L1306 LaunchPad™ development
kit
– MSP Software Development Kit (SDK)

2 Applications
• Battery charging and management
• Power supplies and power delivery
• Personal electronics
• Building security and fire safety
• Connected peripherals and printers
• Grid infrastructure
• Smart metering
• Communication modules
• Medical and healthcare
• Lighting

3 Description
MSPM0L110x microcontrollers (MCUs) are part of the MSP highly-integrated ultra-low-power 32-bit MCU family
based on the enhanced Arm® Cortex®-M0+ core platform operating at up to 32-MHz frequency. These costoptimized
MCUs offer high-performance analog peripheral integration, support extended temperature ranges
from -40°C to 105°C, and operate with supply voltages from 1.62 V to 3.6 V.
The MSPM0L110x devices provide up to 64KB embedded flash program memory with 4KB SRAM. These MCUs
incorporate a high-speed on-chip oscillator with an accuracy up to ±1%, eliminating the need for an external
crystal. Additional features include a 3-channel DMA, 16 and 32-bit CRC accelerator, and a variety of highperformance
analog peripherals such as one 12-bit 1.45-Msps ADC with configurable internal voltage reference,
one general-purpose amplifier, and an on-chip temperature sensor. These devices also offer intelligent digital
peripherals such as four 16-bit general purpose timers, one windowed watchdog timer, and a variety of
communication peripherals including two UARTs, one SPI, and one I2C. These communication peripherals offer
protocol support for LIN, IrDA, DALI, Manchester, Smart Card, SMBus, and PMBus.
The TI MSPM0 family of low-power MCUs consists of devices with varying degrees of analog and digital
integration let customers find the MCU that meets their project needs. The architecture combined with extensive
low-power modes is optimized to achieve extended battery life in portable measurement applications.
MSPM0L110x MCUs are supported by an extensive hardware and software ecosystem with reference designs
and code examples to get the design started quickly. Development kits include a LaunchPad™ kit available for
purchase and design files for a target-socket board. TI also provides a free MSP Software Development Kit
(SDK), which is available as a component of Code Composer Studio™ IDE desktop and cloud version within
the TI Resource Explorer. MSPM0 MCUs are also supported by extensive online collateral, training with MSP
Academy, and online support through the TI E2E™ support forums.
For complete module descriptions, see the MSPM0 L-Series 32-MHz Microcontrollers Technical Reference
Manual.




Số phần tương tự - MSPM0L1105

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSPM0L1105 TI-MSPM0L1105 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI-MSPM0L1105 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI-MSPM0L1105 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI-MSPM0L1105 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI1-MSPM0L1105 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
More results


Mô tả tương tự - MSPM0L1105

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
MSPM0L1105 TI-MSPM0L1105_V01 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI-MSPM0L1105_V02 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI-MSPM0L1105_V03 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI-MSPM0L1105_V04 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
MSPM0L1105 TI1-MSPM0L1105_V05 Datasheet
2Mb / 74P
MSPM0L110x Mixed-Signal Microcontrollers
REVISED APRIL 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com