công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT6201 bảng dữ liệu (PDF) - ON Semiconductor

CAT6201 Datasheet PDF - ON Semiconductor
tên linh kiện CAT6201_V01
tải về  CAT6201 tải về
kích thước tập tin   434.01 Kbytes
Page   11 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện LDO Regulator - Adjustable CMOS 300 mA, 13 V

CAT6201 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
CAT6201 Datasheet PDF - ON Semiconductor

tên linh kiện CAT6201_V01
tải về  CAT6201 Click to download

kích thước tập tin   434.01 Kbytes
Page   11 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện LDO Regulator - Adjustable CMOS 300 mA, 13 V

CAT6201 bảng dữ liệu (HTML) - ON Semiconductor


CAT6201 Thông tin chi tiết sản phẩm

Description
The CAT6201/CAV6201B is a 13 V rated 300 mA CMOS low
dropout regulator that provides fast response time to load current and
line voltage changes in an automotive environment.
CAT6201/CAV6201B features a low RON P−channel pass element
with internal control circuitry which prevents reverse current flow
should the voltage at VOUT exceed VIN as in the case of the car’s
battery voltage accidentally being applied to VOUT.
Thermal protection and current limiting circuitry combine to protect
the pass device against faults and abuse. Current limiting is user
controlled through a single resistor to ground. A fault output (FLT)
provides an alert should an over−current event or thermal shutdown
occur.
CAT6201/CAV6201B comes on−line gracefully even though it may
be driving heavy capacitive loads thanks to built−in soft−start
circuitry. Its output is protected against accidental connection to
voltages greater than VIN and will not conduct current backwards into
its supply.
CAT6201/CAV6201B is available in 8−pad 2 mm x 3 mm TDFN package.

Features
• Guaranteed 300 mA Continuous Output Current
• Low Dropout Voltage of 250 mV Typical at 300 mA
• Input Voltage Range: 3.3 V to 13.5 V
• User Adjustable Output Voltage
• User Programmable Current Limit
• Fault Output to Indicate Under−voltage, Current Limiting or Thermal
Shutdown has Occurred
• Fault Blanking: 3 ms
• VOUT Withstands Battery Fault Voltages of up to 14 V
• Soft−Start Prevents Current Surges
• Stable with Ceramic Output Capacitor
• ±1.5% Output Voltage Initial Accuracy
• ±2.5% Accuracy Over Temperature
• Thermal Protection
• 8 Pad TDFN Package
• CAV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Số phần tương tự - CAT6201_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
338Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201VP2.GT3 ONSEMI-CAT6201VP2.GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201VP2GT3 ONSEMI-CAT6201VP2GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
More results


Mô tả tương tự - CAT6201_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com