công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPB-10K0-2U1C bảng dữ liệu (PDF) - Tripp Lite. All Rights Reserved

UPB-10K0-2U1C Datasheet PDF - Tripp Lite. All Rights Reserved
tên linh kiện UPB-10K0-2U1C
tải về  UPB-10K0-2U1C tải về
kích thước tập tin   167.89 Kbytes
Page   4 Pages
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Giải thích chi tiết về linh kiện Portable Charger - 2x USB-A, USB-C with PD Charging, 10,050mAh Power Bank, Lithium-Ion, USB-IF, Black

UPB-10K0-2U1C Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
UPB-10K0-2U1C Datasheet PDF - Tripp Lite. All Rights Reserved

tên linh kiện UPB-10K0-2U1C
tải về  UPB-10K0-2U1C Click to download

kích thước tập tin   167.89 Kbytes
Page   4 Pages
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Giải thích chi tiết về linh kiện Portable Charger - 2x USB-A, USB-C with PD Charging, 10,050mAh Power Bank, Lithium-Ion, USB-IF, Black

UPB-10K0-2U1C bảng dữ liệu (HTML) - Tripp Lite. All Rights Reserved


UPB-10K0-2U1C Thông tin chi tiết sản phẩm

Features
10,050mAh Lithium-Ion Battery Charges Your Mobile Devices without an AC Power OutletNo more
frantic searching for an outlet when your mobile device’s battery power is getting low. Small and
lightweight, this high-capacity power bank dishes out 10,050mAh of battery capacity for charging up to
three mobile devices at the same time, including smartphones, tablets, e-readers and handheld gaming
devices. Lithium-ion lasts longer than lead-acid batteries, charges faster and saves you money in the end.
The UPB-10K0-2U1C is compatible with Android, Apple and Windows devices.

3 USB Ports Allow You to Keep Your Phone and Other Essential Devices Ready for UseDual USB-A
ports provide 5V 2.4A (12W) of total power per port. The ports are BC 1.2-compliant with 1.5A of fastcharging
power for Apple devices. The USB-C port supports PD charging up to 5V 3A (15W), 9V 2A
(18W) and 12V 1.5A (18W). All three ports provide a maximum of 30W of charging power simultaneously.

Protects Your Expensive Devices During ChargingComprehensive safety features ensure worry-free
charging of mobile devices. The power bank provides short circuit, overvoltage, overcurrent, overcharge
and overdischarge protection.

Easy and Quick to Recharge for the Next Time You Leave HomeA lithium-ion battery with 10,050mAh
of capacity provides charging at maximum power draw for hours, making your devices ready when you
need them. Status LEDs let you know how much battery capacity is left. When it’s time to charge the
internal battery, use the included USB-C cable to connect the power bank’s USB-C port to a USB-C port
on a computer or wall charger.

USB-IF Certification Ensures Rigorous Testing and Top-of-the-Line PerformanceThis power bank
meets the high standards of USB-IF (USB Implementers Forum, Inc.), a non-profit organization consisting
of companies that developed the USB specification. Receiving USB-IF certification means the UPB-10K0-
2U1C meets the industry’s highest environmental, mechanical and electrical standards. It operates with
your USB devices, adapters and cables with top efficiency and safety.

Compact Housing Packs in a Pocket for On-the-Go ChargingAn ideal power solution when you’re on
the road or stuck somewhere without convenient electricity, the portable battery charger weighs less than
one pound. It fits comfortably in your purse, pocket or backpack to keep your phone, tablet, Kindle,
AirPods or other mobile device operating when you need it.




Số phần tương tự - UPB-10K0-2U1C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
UPB-10K0-2U TRIPPLITE-UPB-10K0-2U Datasheet
522Kb / 2P
Portable 10,000mAh Dual-Port Mobile Power Bank USB Battery Charger with LED Flashlight
More results


Mô tả tương tự - UPB-10K0-2U1C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
USB-Friendly Lithium-Ion Battery Charger
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
USB-Friendly Lithium-Ion Battery Charger
logo
Tripp Lite. All Rights ...
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-39W-1B TRIPPLITE-U280-C02-39W-1B Datasheet
182Kb / 3P
Dual-Port USB Car Charger with 39W Charging - USB-C (27W) PD 3.0, USB-A (12W), Black
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
UPB-10K4-S2U TRIPPLITE-UPB-10K4-S2U Datasheet
171Kb / 3P
Portable Charger - 2x USB-A, 10,400mAh Power Bank, Lithium-Ion, Auto Sensing, Black
UPB-12K0-S2X2U TRIPPLITE-UPB-12K0-S2X2U Datasheet
171Kb / 3P
Portable Charger - 2x USB-A, 12,000mAh Power Bank, Lithium-Ion, Auto Sensing, Black
UPB-20K0-2U1C TRIPPLITE-UPB-20K0-2U1C Datasheet
182Kb / 4P
Portable Charger - 2x USB-A, USB-C with PD Charging, 20,100mAh Power Bank, Lithium-Ion, USB-IF, Black
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com