công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCP13992AB bảng dữ liệu (PDF) - ON Semiconductor

NCP13992AB Datasheet PDF - ON Semiconductor
tên linh kiện NCP13992AB
tải về  NCP13992AB tải về
kích thước tập tin   938.14 Kbytes
Page   33 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance

NCP13992AB Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
NCP13992AB Datasheet PDF - ON Semiconductor

tên linh kiện NCP13992AB
tải về  NCP13992AB Click to download

kích thước tập tin   938.14 Kbytes
Page   33 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance

NCP13992AB bảng dữ liệu (HTML) - ON Semiconductor


NCP13992AB Thông tin chi tiết sản phẩm

The NCP13992 is a high performance current mode controller for
half bridge resonant converters. This controller implements 600 V
gate drivers, simplifying layout and reducing external component
count. The builtïin BrownïOut input function eases implementation
of the controller in all applications. In applications where a PFC front
stage is needed, the NCP13992 features a dedicated output to drive the
PFC controller. This feature together with quiet skip mode technique
further improves light load efficiency of the whole application. The
NCP13992 provides a suite of protection features allowing safe
operation in any application. This includes: overload protection,
overïcurrent protection to prevent hard switching cycles, brownïout
detection, open optocoupler detection, automatic deadïtime adjust,
overïvoltage (OVP) and overïtemperature (OTP) protections.

Features
• HighïFrequency Operation from 20 kHz up to 750 kHz
• Current Mode Control Scheme
• Automatic Deadïtime with Maximum Deadïtime Clamp
• Dedicated Startup Sequence for Fast Resonant Tank Stabilization
• Light Load Operation Mode for Improved Efficiency
• Quiet Skip Operation Mode for Minimize Transformer Acoustic Noise
• Latched or AutoïRecovery Overload Protection
• Latched or AutoïRecovery Output Short Circuit Protection
• Latched Input for Severe Fault Conditions, e.g. OVP or OTP
• Out of Resonance Switching Protection
• Open Feedback Loop Protection
• Precise Brownïout Protection
• PFC Stage Operation Control According to Load Conditions
• Startup Current Source with Extremely Low Leakage Current
• Dynamic SelfïSupply (DSS) Operation in Offïmode or Fault Modes
• Pin to Adjacent Pin / Open Pin Fail Safe
• These are PbïFree Devices

Typical Applications
• Adapters and Offline Battery Chargers
• Flat Panel Display Power Converters
• Computing Power Supplies
• Industrial and Medical Power Sources




Số phần tương tự - NCP13992AB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP13992AADR2G ONSEMI-NCP13992AADR2G Datasheet
474Kb / 28P
High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
More results


Mô tả tương tự - NCP13992AB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com