công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NX5P3001 bảng dữ liệu (PDF) - NXP Semiconductors

NX5P3001 Datasheet PDF - NXP Semiconductors
tên linh kiện NX5P3001
tải về  NX5P3001 tải về
kích thước tập tin   276.62 Kbytes
Page   20 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Bidirectional high-side power switch for charger and USB-OTG combined applications

NX5P3001 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
NX5P3001 Datasheet PDF - NXP Semiconductors

tên linh kiện NX5P3001
tải về  NX5P3001 Click to download

kích thước tập tin   276.62 Kbytes
Page   20 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Bidirectional high-side power switch for charger and USB-OTG combined applications

NX5P3001 bảng dữ liệu (HTML) - NXP Semiconductors


NX5P3001 Thông tin chi tiết sản phẩm

General description
The NX5P3001 is an advanced bidirectional power switch and ESD-protection device for
combined USB-OTG and charger port applications. It includes undervoltage lockout,
overvoltage lockout and overtemperature protection circuits designed to automatically
isolate the power switch terminals when a fault condition occurs.
The device features two power switch input/output terminals (VBUSI and VBUSO), an
open-drain acknowledge output (ACK), an enable input which includes logic level
translation (EN) and low capacitance Transient Voltage Suppression (TVS) type
ESD-clamps for USB data and ID pins.
When EN is set HIGH the device enters a low-power mode, disabling all protection
circuits. When used in combined charger and USB-OTG applications the 30 V tolerant
VBUSI switch terminal is used as the supply and switch input when charging, for
USB-OTG the VBUSO switch terminal is used as the supply and switch input.
Designed for operation from 3.2 V to 6.35 V, it is used in battery charging and power
domain isolation applications to reduce power dissipation and extend battery life.

Features and benefits
 30 V tolerant VBUSI supply pin
 Wide supply voltage range from 3.2 V to 6.35 V
 Automatic switch operation for charging within the supply range
 ISW maximum 3 A continuous current
 Low ON resistance: 62 m (typical) at a supply voltage of 5.0 V
 1.8 V control logic input to open the switch
 Soft start turn-on slew rate
 Protection circuitry
 Overtemperature protection
 Overvoltage lockout
 Undervoltage lockout
 ESD protection:
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
 CDM AEC standard Q100-01 (JESD22-C101E)
 IEC61000-4-2 contact discharge exceeds 8 kV for pins VBUSI, D, D+ and ID
 Specified from 40 C to +85 C

Applications
 Smart and feature phones
 Tablets, eBooks




Số phần tương tự - NX5P3001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
NX5P3001 NXP-NX5P3001 Datasheet
376Kb / 25P
Bidirectional high-side power switch for charger and USB-OTG applications
Rev. 2.0 - 17 May 2023
NX5P3001UK NXP-NX5P3001UK Datasheet
376Kb / 25P
Bidirectional high-side power switch for charger and USB-OTG applications
Rev. 2.0 - 17 May 2023
NX5P3001 PHILIPS-NX5P3001_15 Datasheet
276Kb / 20P
Bidirectional high-side power switch for charger and USB-OTG combined applications
Rev. 1-11 September 2013
NX5P3001 NXP-NX5P3001_V01 Datasheet
376Kb / 25P
Bidirectional high-side power switch for charger and USB-OTG applications
Rev. 2.0 - 17 May 2023
More results


Mô tả tương tự - NX5P3001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
NXP Semiconductors
NX5P3001 PHILIPS-NX5P3001_15 Datasheet
276Kb / 20P
Bidirectional high-side power switch for charger and USB-OTG combined applications
Rev. 1-11 September 2013
NX18P3001 PHILIPS-NX18P3001_15 Datasheet
288Kb / 21P
Bidirectional high-side power switch for charger and
Rev. 1-24 September 2013
logo
Unisonic Technologies
US236H UTC-US236H Datasheet
176Kb / 6P
POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
logo
uPI Group Inc.
UP7550 UPI-UP7550 Datasheet
730Kb / 13P
Power Multiplexer for USB High Side Switch
logo
NXP Semiconductors
NX18P3001 NXP-NX18P3001 Datasheet
288Kb / 21P
Bidirectional high-side power switch for charger and USB-OTG combined applications
Rev. 1 ??24 September 2013
NX5P3001 NXP-NX5P3001_V01 Datasheet
376Kb / 25P
Bidirectional high-side power switch for charger and USB-OTG applications
Rev. 2.0 - 17 May 2023
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com