công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP31SN121ML2L bảng dữ liệu (PDF) - Murata Manufacturing Co., Ltd

DLP31SN121ML2L Datasheet PDF - Murata Manufacturing Co., Ltd
tên linh kiện DLP31SN121ML2L
tải về  DLP31SN121ML2L tải về
kích thước tập tin   319.77 Kbytes
Page   3 Pages
nhà sản xuất  MURATA1 [Murata Manufacturing Co., Ltd]
Trang chủ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Giải thích chi tiết về linh kiện DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.

DLP31SN121ML2L Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DLP31SN121ML2L Datasheet PDF - Murata Manufacturing Co., Ltd

tên linh kiện DLP31SN121ML2L
tải về  DLP31SN121ML2L Click to download

kích thước tập tin   319.77 Kbytes
Page   3 Pages
nhà sản xuất  MURATA1 [Murata Manufacturing Co., Ltd]
Trang chủ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Giải thích chi tiết về linh kiện DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.

DLP31SN121ML2L bảng dữ liệu (HTML) - Murata Manufacturing Co., Ltd


DLP31SN121ML2L Thông tin chi tiết sản phẩm

Features
1. Small size, low profile, SMD. 3.2x1.6x1.15mm
(Tolerance: +-0.15mm)
2. High common mode impedance (550 ohm at
100MHz typ.) in small size
3. DLP31S suppresses high frequency noise that was
unable to be suppressed with existing common mode
choke coils. Suitable for differential signal lines
like USB, because DLP31S does not provide distortion
to high speed signal transmission due to its high
coupling (coupling coefficient: 0.98 min.)

Applications
1. USB lines of PCs, peripheral equipment
2. LVDS lines of Note-PCs, LCDs
3. USB lines of digital AV equipment such as digital
cameras




Số phần tương tự - DLP31SN121ML2L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
DLP31SN121ML2L MURATA-DLP31SN121ML2L Datasheet
1Mb / 40P
SMD/BLOCK Type EMI Suppression Filters
More results


Mô tả tương tự - DLP31SN121ML2L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
DLP0NSN900HL2L MURATA-DLP0NSN900HL2L Datasheet
95Kb / 2P
Common Mode Choke Coil Film Type DLP0NS Series (03025 Size)
logo
Murata Manufacturing Co...
DLP31DN131ML4 MURATA1-DLP31DN131ML4_V01 Datasheet
332Kb / 3P
DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
DLP31DN201ML4 MURATA1-DLP31DN201ML4_V01 Datasheet
332Kb / 3P
DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
DLP31DN321ML4 MURATA1-DLP31DN321ML4_V01 Datasheet
332Kb / 3P
DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
DLP31DN441ML4 MURATA1-DLP31DN441ML4_V01 Datasheet
332Kb / 3P
DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
DLP31DN900ML4 MURATA1-DLP31DN900ML4_V01 Datasheet
332Kb / 3P
DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
DLP31SN221ML2 MURATA1-DLP31SN221ML2_V01 Datasheet
319Kb / 3P
DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
DLP31SN551ML2 MURATA1-DLP31SN551ML2_V01 Datasheet
320Kb / 3P
DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
DLW31SH222SQ2 MURATA1-DLW31SH222SQ2_V01 Datasheet
276Kb / 3P
DLW31S series is a high performance wound type chip common mode choke coil.
Last updated07/26/2022
DLM11GN601SD2 MURATA1-DLM11GN601SD2_V01 Datasheet
262Kb / 3P
Small size chip common mode choke coil.
Last updated07/27/2022
More results




Giới thiệu về Murata Manufacturing Co., Ltd


Công ty TNHH Sản xuất Murata là một công ty điện tử đa quốc gia Nhật Bản có trụ sở tại Nagaokakyo, Kyoto, Nhật Bản.

Công ty được thành lập vào năm 1944 và từ đó trở thành nhà sản xuất các thành phần điện tử hàng đầu, bao gồm các tụ gốm, mô -đun giao tiếp không dây và cảm biến.

Murata cũng cung cấp một loạt các sản phẩm và giải pháp khác như hệ thống quản lý pin, nguồn điện và hệ thống thu hoạch năng lượng.

Công ty hoạt động trên toàn cầu và có danh tiếng mạnh mẽ về chất lượng và sự đổi mới trong ngành công nghiệp điện tử.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com