công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AG2136M28VR bảng dữ liệu (PDF) - AiT Semiconductor Inc.

AG2136M28VR Datasheet PDF - AiT Semiconductor Inc.
tên linh kiện AG2136M28VR
tải về  AG2136M28VR tải về
kích thước tập tin   834.91 Kbytes
Page   13 Pages
nhà sản xuất  AITSEMI [AiT Semiconductor Inc.]
Trang chủ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Giải thích chi tiết về linh kiện MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER

AG2136M28VR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AG2136M28VR Datasheet PDF - AiT Semiconductor Inc.

tên linh kiện AG2136M28VR
tải về  AG2136M28VR Click to download

kích thước tập tin   834.91 Kbytes
Page   13 Pages
nhà sản xuất  AITSEMI [AiT Semiconductor Inc.]
Trang chủ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Giải thích chi tiết về linh kiện MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER

AG2136M28VR bảng dữ liệu (HTML) - AiT Semiconductor Inc.


AG2136M28VR Thông tin chi tiết sản phẩm

DESCRIPTION
The AG2136 is a high voltage, high speed power
MOSFET and IGBT drivers with a three independent
high and low side referenced output channels for
3-phase applications. The floating channels can be
used to drive N-channel power MOSFETs or IGBTs
in the high side configuration which operates up to
600V. Logic inputs are compatible with CMOS or
LSTTL outputs, down to 3.3V logic. A current trip
function which terminates all six outputs can be
derived from an external current sense resistor.
An enable function is available to terminate all six
outputs simultaneously. An open-drain FAULT signal
is provided to indicate that an over-current or
under-voltage shutdown has occurred. Over-current
fault conditions are cleared automatically after a
delay programmed externally via an RC network
connected to the RCIN input. The output drivers
feature a high pulse current buffer stage designed for
minimum driver cross-conduction. Propagation
delays are matched to simplify use in high frequency
applications.
AG2136 is available in a SOP28 package.

FEATURES
 Fully operational to +600 V
 3.3 V logic compatible
 dV/dt Immunity ±50 V/nsec
 Floating channel designed for bootstrap
operation
 Gate drive supply range from 10 V to 20 V
 UVLO for all channels
 Cross-conduction prevention logic
 Over-current shutdown turns off all six drivers
 Externally programmable delay for automatic
fault clear
 Independent 3 half-bridge drivers
 - 7V negative Vs ability
 Matched propagation delay for all channels
 Available in a SOP28 package.

APPLICATION
 Motor Control
 Air Conditioners/ Washing Machines
 General Purpose Inverters
 Micro/Mini Inverter Drives




Số phần tương tự - AG2136M28VR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
Low Cost PSTN Interface
AG2130S SILVERTEL-AG2130S Datasheet
154Kb / 11P
Low Cost PSTN Interface
More results


Mô tả tương tự - AG2136M28VR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
High Voltage 3-Phase Gate Driver
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
3-Phase MOSFET Gate Driver
logo
Microchip Technology
MIC4609 MICROCHIP-MIC4609 Datasheet
670Kb / 34P
600V 3-Phase MOSFET/IGBT Driver
07/14/15
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
AiT Semiconductor Inc.
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com