công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A4059MP8VR bảng dữ liệu (PDF) - AiT Semiconductor Inc.

A4059MP8VR Datasheet PDF - AiT Semiconductor Inc.
tên linh kiện A4059MP8VR
tải về  A4059MP8VR tải về
kích thước tập tin   481.32 Kbytes
Page   12 Pages
nhà sản xuất  AITSEMI [AiT Semiconductor Inc.]
Trang chủ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Giải thích chi tiết về linh kiện BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4059MP8VR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
A4059MP8VR Datasheet PDF - AiT Semiconductor Inc.

tên linh kiện A4059MP8VR
tải về  A4059MP8VR Click to download

kích thước tập tin   481.32 Kbytes
Page   12 Pages
nhà sản xuất  AITSEMI [AiT Semiconductor Inc.]
Trang chủ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Giải thích chi tiết về linh kiện BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4059MP8VR bảng dữ liệu (HTML) - AiT Semiconductor Inc.


A4059MP8VR Thông tin chi tiết sản phẩm

DESCRIPTION
The A4059 is charging management circuit that can be programmed through an external resistor constant current / constant voltage charging. The device includes an internal power transistor, does not need external current sense resistor and blocking diode in applications. A4059 requires minimal external components, and meet the USB bus specification, is very suitable for portable applications in the field.
Thermal modulation circuit can control the internal chip temperature in a safe range when the device power dissipation be relatively large or the ambient temperature be higher. The output voltage can be programmed by an external resistor. Charging current is set by an external resistor. When the input voltage (AC adapter or USB power supply) power is lost, A4059 automatically enters a low power sleep mode, then the battery current consumption is less than 0.1μA. Built-in protection circuits against irrigation, when the battery voltage is higher than the input voltage, automatically turn off built-in power MOSFET. Other features include low input voltage latch, automatic recharge, the battery temperature monitoring, Built - in OVP protection and charge status / charge status indication functions.
The internal use of the patented technology is to realize protecting reverse battery. When the battery is reversed, stop charging, indicator
The A4059 is available in PSOP8 package.

FEATURES
 In the package allows the range of program-mable charge current up to 1.2A above
 No MOSFET, sense resistor or blocking diode required
 Complete linear charger in small package for single cell lithium-ion batteries
 Constant-current/constant-voltage operation with thermal regulation to maximize charge rate without risk of overheating
 Charging voltage can be adjusted by the FB
 Monitor output charge current
 Charging status indicator and full status flag
 3/10 charge current termination
 Automatic recharge
 40μA supply current in shutdown
 0.7 times the programming voltage trickle charge threshold voltage
 Soft-Start limits inrush current
 OVP protection function , the input is higher than 6.8V, stop charging
 Output with protection against anti-irrigation
 When you unplug VIN , the IC does not con-sume battery power
 Available in PSOP8 Package APPLICATION
 Mobile phones
 Digital Cameras
 MP4 Player
 Bluetooth applications
 Electronic Dictionary
 portable devices
 all kinds of charger
 Mobile power




Số phần tương tự - A4059MP8VR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4059AE5R AITSEMI-A4059AE5R Datasheet
360Kb / 8P
BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4059AE5VR AITSEMI-A4059AE5VR Datasheet
360Kb / 8P
BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Mô tả tương tự - A4059MP8VR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Linear Technology
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com