công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAS16A9.5V2 bảng dữ liệu (PDF) - Analog Technologies, Inc.

AAS16A9.5V2 Datasheet PDF - Analog Technologies, Inc.
tên linh kiện AAS16A9.5V2
tải về  AAS16A9.5V2 tải về
kích thước tập tin   920.0 Kbytes
Page   11 Pages
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Giải thích chi tiết về linh kiện High Efficiency AC Input 16A 9.5V Laser Driver

AAS16A9.5V2 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AAS16A9.5V2 Datasheet PDF - Analog Technologies, Inc.

tên linh kiện AAS16A9.5V2
tải về  AAS16A9.5V2 Click to download

kích thước tập tin   920.0 Kbytes
Page   11 Pages
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Giải thích chi tiết về linh kiện High Efficiency AC Input 16A 9.5V Laser Driver

AAS16A9.5V2 bảng dữ liệu (HTML) - Analog Technologies, Inc.


AAS16A9.5V2 Thông tin chi tiết sản phẩm

FEATURES
 High efficiency: ≥ 70 %
 Maximum output current: 16A
 Wide output voltage: 0V ~ 9.5V
 Wide input voltage: 100VAC ~ 240VAC
 High speed digital modulation: 5kHz
 Configurable valley current for digital modulation
 Low temperature rise: 30°C
 Over-temperature protection
 MBTF (Mean Time Before Failure): 180,000 hours
 Low corner noise at 0.1 ~ 10Hz: 354μAP-P
 The ripple voltage at 600kHz: <10mVP-P
 Compact size
 Low cost
 100 % lead (Pb)-free and RoHS compliant

APPLICATIONS
Driving high current laser diode bars with high stability and
high efficiency.

DESCRIPTIONS
The AAS16A9.5V2 is an electronic power supply brick
designed for driving laser diodes with up to 16A low noise
current. The output current can be set by an analog voltage of
0V to 2.5V, an external potentiometer, or the built-in internal
potentiometer, to between 0 and 16A.
A pulsed output current can be generated by driving the PCN
port with a digital signal, under which, the peak output current
is set by the LISH port while the valley output current is set by
the LISL port. The modulation frequency can go up to 5kHz,
resulting to an approximately 56μS rise/fall time at the output
current.
The AAS16A9.5V2 laser driver comes with a high stability
low noise 2.5V reference voltage. It can be used for setting the
output current. This reference can also be used as the voltage
reference for external ADCs (Analog to Digital Converters)
and DACs (Digital to Analog Converters), which might be
used for monitoring and/or setting the laser current.
This laser driver brick has a high efficiency:
≥ 70%@VLDA = 9V&IOUT = 16A. It saves energy and has low
temperature rise.
There is an over-temperature protection circuit inside, in case
the laser power supply temperature exceeds the temperature
limit, 85°C, the laser driver will shut down itself and be turned
back on by itself after the temperature returns to the normal
temperature range.
There is a soft-start circuit in this laser driver, which ensures
smooth current transactions during power-up period.
In case there is a short circuit at the output, the internal
protection circuit will cut off the output.
The output voltage is automatically set from 0V to 9.5V to
keep the output current at a pre-set value. When the output
voltage exceeds the maximum value, the driver will not works
properly.
The control loop is monitored in real time by an internal circuit,
to make sure that it works properly. The monitoring result is
sent to the LPGD node. When this pin is pulled up internally,
it indicates that the control loop works properly and Loop
Good LED will be lit. This pin signal can be sent to a
microcontroller, or used for driving an LED through a buffer.
The internal equivalent circuit of this pin is a 5kΩ pull-up
resistor connected to a 5V rail in parallel with an open drain
comparator output.
The main specifications are shown in Table 1 below.




Số phần tương tự - AAS16A9.5V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Technologies, In...
AAS100A5V1 ANALOGTECHNOLOGIES-AAS100A5V1 Datasheet
679Kb / 10P
High Efficiency AC Input 100A 5V Laser Driver
1/25/2022
More results


Mô tả tương tự - AAS16A9.5V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
HER1601G WTE-HER1601G Datasheet
52Kb / 3P
16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
HER1601 ETC-HER1601 Datasheet
80Kb / 2P
16A HIGH EFFICIENCY RECTIFIER
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
High Transfer Efficiency AC Input Type Photocoupler
logo
Chongqing Pingwei Enter...
MUR1620CT CHONGQING-MUR1620CT Datasheet
211Kb / 1P
16A High Efficiency Rectifier
logo
Analog Technologies, In...
AAS100A5V1 ANALOGTECHNOLOGIES-AAS100A5V1 Datasheet
679Kb / 10P
High Efficiency AC Input 100A 5V Laser Driver
1/25/2022
AAS25A6V2 ANALOGTECHNOLOGIES-AAS25A6V2 Datasheet
946Kb / 11P
High Efficiency AC Input 25A 6V Laser Driver
1/25/2022
AAS26A10V ANALOGTECHNOLOGIES-AAS26A10V Datasheet
917Kb / 11P
High Efficiency AC Input 26A 10V Laser Driver
1/25/2022
AAS40A4V2 ANALOGTECHNOLOGIES-AAS40A4V2 Datasheet
923Kb / 11P
High Efficiency AC Input 40A 4V Laser Driver
1/25/2022
AAS45A4V2 ANALOGTECHNOLOGIES-AAS45A4V2 Datasheet
911Kb / 11P
High Efficiency AC Input 45A 4V Laser Driver
1/25/2022
AAS50A6V3 ANALOGTECHNOLOGIES-AAS50A6V3 Datasheet
945Kb / 11P
High Efficiency AC Input 50A 6V Laser Driver
1/25/2022
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com