| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTD5C648NL
|
233Kb / 7P |
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev. |
|
NTMJS0D8N04CL
|
372Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0 |
|
NTMTS0D7N06C
|
402Kb / 7P |
MOSFET - Power, Single N-Channel, DFNW8 60 V, 0.72 m, 464 A
December, 2020-Rev.3 |
|
NVLJWS022N06CL
|
160Kb / 7P |
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1 |
|
NVMJS0D8N04CL
|
373Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0 |
|
NVMTS001N06CL
|
401Kb / 7P |
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2 |
|
NVMYS4D6N06C
|
211Kb / 6P |
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0 |
|
NVMYS7D0N06C
|
214Kb / 6P |
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0 |
|
NVMYS016N06C
|
208Kb / 6P |
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0 |
|
NVMYS025N06CL
|
339Kb / 7P |
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0 |