công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70169A bảng dữ liệu (PDF) - ON Semiconductor

98ASH70169A Datasheet PDF - ON Semiconductor
tên linh kiện 98ASH70169A
tải về  98ASH70169A tải về
kích thước tập tin   247.59 Kbytes
Page   8 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Low-Voltage CMOS Octal Buffer Flow Through Pinout

98ASH70169A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
98ASH70169A Datasheet PDF - ON Semiconductor

tên linh kiện 98ASH70169A
tải về  98ASH70169A Click to download

kích thước tập tin   247.59 Kbytes
Page   8 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện Low-Voltage CMOS Octal Buffer Flow Through Pinout

98ASH70169A bảng dữ liệu (HTML) - ON Semiconductor


98ASH70169A Thông tin chi tiết sản phẩm

The MC74LCX540 is a high performance, inverting octal buffer
operating from a 2.3 to 3.6 V supply. This device is similar in function
to the MC74LCX240, while providing flow through architecture.
High impedance TTL compatible inputs significantly reduce current
loading to input drivers while TTL compatible outputs offer improved
switching noise performance. A VI specification of 5.5 V allows
MC74LCX540 inputs to be safely driven from 5 V devices. The
MC74LCX540 is suitable for memory address driving and all TTL
level bus oriented transceiver applications.
Current drive capability is 24 mA at the outputs. The Output Enable
(OE1, OE2) inputs, when HIGH, disables the outputs by placing them
in a HIGH Z condition.

Features
• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant − Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 A)
Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance:
♦ Human Body Model >2000 V
♦ Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Số phần tương tự - 98ASH70169A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
98ASH70169A NXP-98ASH70169A Datasheet
757Kb / 36P
MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
98ASH70169A NXP-98ASH70169A Datasheet
670Kb / 30P
8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
98ASH70169A NXP-98ASH70169A Datasheet
902Kb / 37P
8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
98ASH70169A NXP-98ASH70169A Datasheet
4Mb / 316P
Microcontrollers
Rev. 8 1/2014
logo
ON Semiconductor
98ASH70169A ONSEMI-98ASH70169A Datasheet
339Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results


Mô tả tương tự - 98ASH70169A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com