công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5606BAMLQ4R bảng dữ liệu (PDF) - NXP Semiconductors

MPC5606BAMLQ4R Datasheet PDF - NXP Semiconductors
tên linh kiện MPC5606BAMLQ4R
tải về  MPC5606BAMLQ4R tải về
kích thước tập tin   995.0 Kbytes
Page   114 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện MPC5607B Microcontroller Data Sheet

MPC5606BAMLQ4R Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MPC5606BAMLQ4R Datasheet PDF - NXP Semiconductors

tên linh kiện MPC5606BAMLQ4R
tải về  MPC5606BAMLQ4R Click to download

kích thước tập tin   995.0 Kbytes
Page   114 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện MPC5607B Microcontroller Data Sheet

MPC5606BAMLQ4R bảng dữ liệu (HTML) - NXP Semiconductors


MPC5606BAMLQ4R Thông tin chi tiết sản phẩm

Features
• Single issue, 32-bit CPU core complex (e200z0h)
— Compliant with the Power Architecture® technology
embedded category
— Enhanced instruction set allowing variable length
encoding (VLE) for code size footprint reduction.
With the optional encoding of mixed 16-bit and
32-bit instructions, it is possible to achieve
significant code size footprint reduction.
• Up to 1.5 MB on-chip code flash memory supported with
the flash memory controller
• 64 (4 × 16) KB on-chip data flash memory with ECC
• Up to 96 KB on-chip SRAM
• Memory protection unit (MPU) with 8 region descriptors
and 32-byte region granularity on certain family members
(Refer to Table 1 for details.)
• Interrupt controller (INTC) capable of handling 204
selectable-priority interrupt sources
• Frequency modulated phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, Flash, or RAM from multiple bus masters
• 16-channel eDMA controller with multiple transfer
request sources using DMA multiplexer
• Boot assist module (BAM) supports internal Flash
programming via a serial link (CAN or SCI)
• Timer supports I/O channels providing a range of 16-bit
input capture, output compare, and pulse width
modulation functions (eMIOS)
• 2 analog-to-digital converters (ADC): one 10-bit and one
12-bit
• Cross Trigger Unit to enable synchronization of ADC
conversions with a timer event from the eMIOS or PIT
• Up to 6 serial peripheral interface (DSPI) modules
• Up to 10 serial communication interface (LINFlex)
modules
• Up to 6 enhanced full CAN (FlexCAN) modules with
configurable buffers
• 1 inter-integrated circuit (I2C) interface module
• Up to 149 configurable general purpose pins supporting
input and output operations (package dependent)
• Real-Time Counter (RTC)
• Clock source from internal 128 kHz or 16 MHz oscillator
supporting autonomous wakeup with 1 ms resolution with
maximum timeout of 2 seconds
• Optional support for RTC with clock source from external
32 kHz crystal oscillator, supporting wakeup with 1 sec
resolution and maximum timeout of 1 hour
• Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
• Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus
• Device/board boundary scan testing supported per Joint
Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels




Số phần tương tự - MPC5606BAMLQ4R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC5606B FREESCALE-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5606B FREESCALE-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
MPC5606BECLLR FREESCALE-MPC5606BECLLR Datasheet
1Mb / 92P
Microcontroller
MPC5606BECLQ FREESCALE-MPC5606BECLQ Datasheet
892Kb / 98P
Microcontroller
MPC5606BECLQR FREESCALE-MPC5606BECLQR Datasheet
1Mb / 92P
Microcontroller
More results


Mô tả tương tự - MPC5606BAMLQ4R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
PPC5605BCLQ64 FREESCALE-PPC5605BCLQ64 Datasheet
779Kb / 110P
MPC5607B Microcontroller
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
SPC5606BF1MLQ6 FREESCALE-SPC5606BF1MLQ6 Datasheet
860Kb / 112P
MPC5607B Microcontroller
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com