| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 List of Unclassifed Man... |
ABL8MEM24012
|
85Kb / 5P |
regulated SMPS - 1 or 2-phase - 100..240 V AC - 24 V - 1.2 A
|
 Schneider Electric |
ABL8RPS24030
|
74Kb / 2P |
Regulated Switch Power Supply, 1 or 2-phase, 100..500 V, 24 V, 3 A
Aug 25, 2020 |
|
ABL8RPS24050
|
77Kb / 2P |
Regulated Switch Power Supply, 1 or 2-phase, 100..500 V, 24 V, 5 A
Aug 26, 2020 |
|
ABL8RPS24100
|
81Kb / 2P |
Regulated Switch Power Supply, 1 or 2-phase, 100..500 V, 24 V, 10 A
Aug 19, 2020 |
|
ABL8RPM24200
|
255Kb / 9P |
Regulated Switch Power Supply, 1 or 2-phase, 100..240V, 24V, 20 A
Jun 3, 2021 |
|
RM35UA12MW
|
215Kb / 8P |
Harmony, Modular 1-phase voltage control relay, 5 A, 2 CO, range 1..100 V, 24..240 V AC/DC
Sep 13, 2021 |
|
ABL8REM24030
|
120Kb / 6P |
regulated power supply, Phaseo, 100 to 240 V, 24 V, 3 A
Aug 9, 2019 |
|
ABL8REM24050
|
88Kb / 2P |
regulated power supply, Phaseo, 100 to 240 V, 24 V, 5 A
Aug 9, 2019 |
|
ABL8RPS24030
|
252Kb / 9P |
universal power supply, Phaseo, 1 or 2 phase, 100 to 500 V, 24 V, 3 A
Mar 23, 2022 |
|
ABL8RPS24100
|
265Kb / 9P |
universal power supply, Phaseo, 1 or 2 phase, 100 to 500 V, 24 V, 10 A
Mar 23, 2022 |