| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 AAEON Technology |
AGD-315P
|
381Kb / 2P |
15" XGA Rugged Touch Display
|
 Schneider Electric |
HMIDT642
|
128Kb / 4P |
12.1 Touch Smart Display XGA
Aug 11, 2019 |
|
HMIDT351FC
|
53Kb / 2P |
Advanced touchscreen panel, Harmony GTU, 7 W Touch Display WVGA, coated display
Oct 17, 2021 |
|
HMIDT542FC
|
63Kb / 2P |
Flat screen, Harmony GTU, 10.4 Touch Smart Display SVGA, coated display
Sep 20, 2021 |
|
HMIDT551FC
|
206Kb / 5P |
Advanced touchscreen panel, Harmony GTU, 10 W Touch Display WXGA, coated display
Sep 20, 2021 |
|
HMIDT642FC
|
191Kb / 5P |
Flat screen, Harmony GTU, 12.1 Touch Smart Display XGA, coated display
Oct 17, 2021 |
|
HMIDT643
|
227Kb / 7P |
Flat screen, Harmony GTU, 12.1 Touch Smart WLAN Display XGA
Apr 27, 2022 |
|
HMIDT752
|
242Kb / 6P |
Flat screen, Harmony GTU, 15 W Touch Smart Display FWXGA
Apr 27, 2022 |
|
HMIDT952
|
242Kb / 6P |
Flat screen, Harmony GTU, 19 W Touch Smart Display FWXGA
Apr 27, 2022 |
|
HMIDT651FC
|
222Kb / 6P |
Advanced touchscreen panel, Harmony GTU, 12 W Touch Display WXGA, coated display
May 2, 2022 |