| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Weidmuller |
1020100000
|
650Kb / 17P |
Feed-through terminal, Screw connection, 4 mm짼
September 28, 2021 |
|
1020140000
|
666Kb / 17P |
Feed-through terminal, Screw connection, 4 mm짼
October 6, 2021 |
|
1020160000
|
665Kb / 17P |
Feed-through terminal, Screw connection, 4 mm짼
October 6, 2021 |
|
1020180000
|
658Kb / 17P |
Feed-through terminal, Screw connection, 4 mm짼
October 4, 2021 |
|
1020200000
|
628Kb / 14P |
Feed-through terminal, Screw connection, 6 mm짼
September 30, 2021 |
|
1037820000
|
644Kb / 15P |
Feed-through terminal, Screw connection, 4 mm짼
October 4, 2021 |
|
1042600000
|
592Kb / 13P |
Feed-through terminal, Screw connection, 4 mm짼
October 6, 2021 |
|
2051330000
|
427Kb / 19P |
Feed-through terminal, PUSH IN, 4 mm짼
October 18, 2021 |
|
2051500000
|
516Kb / 19P |
Feed-through terminal, PUSH IN, 4 mm짼
October 18, 2021 |
|
2508030000
|
402Kb / 21P |
Feed-through terminal, PUSH IN, 2.5 mm짼
October 18, 2021 |