công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDU39FM bảng dữ liệu (PDF) - Data Delay Devices, Inc.

DDU39FM Datasheet PDF - Data Delay Devices, Inc.
tên linh kiện DDU39FM
tải về  DDU39FM tải về
kích thước tập tin   54.79 Kbytes
Page   3 Pages
nhà sản xuất  DATADELAY [Data Delay Devices, Inc.]
Trang chủ  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Giải thích chi tiết về linh kiện MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)

DDU39FM Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
DDU39FM Datasheet PDF - Data Delay Devices, Inc.

tên linh kiện DDU39FM
tải về  DDU39FM Click to download

kích thước tập tin   54.79 Kbytes
Page   3 Pages
nhà sản xuất  DATADELAY [Data Delay Devices, Inc.]
Trang chủ  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Giải thích chi tiết về linh kiện MECHANICALLY VARIABLE TTL DELAY LINE(SERIES DDU39F)

DDU39FM bảng dữ liệu (HTML) - Data Delay Devices, Inc.


DDU39FM Thông tin chi tiết sản phẩm

FUNCTIONAL DESCRIPTION
The DDU39F-series device is a mechanically variable, FAST-TTL interfaced delay line. The signal input (IN) is reproduced at the tap output (OUT), shifted by an amount which can be adjusted between 7ns and 25ns. The device operates from a single 5V supply and is TTL interfaced, capable of driving up to 10 TTL loads.

FEATURES
• Ideal for “Set and Forget” applications
• Multi-turn adjustment screw (approx. 15 turns)
• Fits standard 16-pin DIP socket
• Input & output fully TTL interfaced & buffered (10 T2L fan-out capability)
• Resolution: 0.5ns typical
• Adjustment range: 7ns to 25ns
• Output rise time: 4ns typical
• Min. input pulse width: 10ns
• Power dissipation: 230mW maximum
• Operating temperature: 0° to 70°C (Commercial) -55° to 125°C (Military)




Số phần tương tự - DDU39FM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Data Delay Devices, Inc...
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
DDU37F-100 DATADELAY-DDU37F-100 Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
DDU37F-100M DATADELAY-DDU37F-100M Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
DDU37F-120 DATADELAY-DDU37F-120 Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
DDU37F-120M DATADELAY-DDU37F-120M Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
More results


Mô tả tương tự - DDU39FM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
Variable-length 1H Delay Line LSI
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
5-TAP, TTL-INTERFACED FIXED DELAY LINE
1503 DATADELAY-1503 Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
1509 DATADELAY-1509 Datasheet
172Kb / 2P
MECHANICALLY VARIABLE DELAY LINE
3010 DATADELAY-3010 Datasheet
193Kb / 3P
VOLTAGE-VARIABLE DELAY LINE TR < 1ns
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
logo
Nippon Precision Circui...
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
Variable-length 1H Delay Line LSI
More results




Giới thiệu về Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com