| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Schneider Electric |
XB6AD233B
|
92Kb / 3P |
16mm push button, Harmony XB6, selector switch, nonilluminated, black 3 position maintained, 2NO contacts
Sep 15, 2021 |
|
XB4BD21
|
157Kb / 5P |
Harmony, 22mm Push Button, 2 position selector switch, black, maintained, 1 NO, 600 V
Sep 29, 2021 |
|
XB4BD25
|
164Kb / 5P |
Harmony, 22mm Push Button, 2 position selector switch, black, maintained, 1 NO and 1 NC, 600 V
Sep 29, 2021 |
|
XB4BD33
|
164Kb / 5P |
Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, 600 V
Sep 29, 2021 |
|
XB4BD53
|
163Kb / 5P |
Harmony, 22mm Push Button, 3 position selector switch, black, spring return, 2 NO, 600 V
Sep 29, 2021 |
|
ZB4BD5
|
169Kb / 9P |
Harmony, 22mm Push Button, selector switch operating head, 3 position, spring return, black, unmarked
Aug 15, 2019 |
|
ZB5AD3
|
188Kb / 10P |
Harmony, 22mm Push Button, selector switch operating head, 3 position, maintained, black, unmarked
Aug 15, 2019 |
|
ZB5AD2
|
418Kb / 17P |
Harmony, 22mm Push Button, selector switch operating head, 2 position, maintained, black, unmarked
Mar 14, 2022 |
|
ZB5AD3TQ
|
407Kb / 17P |
22mm push button, Harmony ZB5, plastic base, non illuminated 3 position selector switch, black knob, bulk packed 100
Mar 16, 2022 |
 List of Unclassifed Man... |
XB4BD33
|
137Kb / 5P |
Harmony, 22mm Push Button, 3 position selector switch, black, maintained, 2 NO, 600 V
Jul 13, 2022 |