| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 WAGO Kontakttechnik Gmb... |
787-842
|
429Kb / 10P |
Switched-mode power supply; Pro; 3-phase; 24 VDC output voltage; 20 A
|
|
787-834
|
462Kb / 10P |
Switched-mode power supply; Pro; 1-phase; 24 VDC output voltage;
|
|
787-832
|
453Kb / 9P |
Switched-mode power supply; Pro; 1-phase; 24 VDC output voltage; 10 A
|
|
787-822
|
455Kb / 9P |
Switched-mode power supply; Pro; 1-phase; 24 VDC output voltage;
|
|
787-818
|
471Kb / 9P |
Switched-mode power supply; Pro; 1-phase; 24 VDC output voltage;
|
|
787-847
|
440Kb / 10P |
Switched-mode power supply; Pro; 3-phase; 48 VDC output voltage
|
|
787-850
|
507Kb / 10P |
Switched-mode power supply; Pro; 3-phase; 24 VDC output voltage
|
|
787-1642
|
342Kb / 10P |
Switched-mode power supply; Classic; 3-phase; 24 VDC output voltage
|
|
787-1644
|
188Kb / 9P |
Switched-mode power supply; Classic; 3-phase; 24 VDC output voltage
|
|
787-844-000-002
|
465Kb / 10P |
Switched-mode power supply; Pro; 3-phase; 24 VDC output voltage
|