| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Teledyne Technologies I... |
DRS24D25
|
166Kb / 4P |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
|
|
DR24D25
|
172Kb / 4P |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
|
 Schneider Electric |
SSM1A430BD
|
104Kb / 4P |
solid state relay - DIN rail mount - input 4-32Vdc output 48-660Vac, 30A
Sep 9, 2020 |
|
SSD1A320BDC1
|
106Kb / 5P |
Harmony, Solid state relay, 20 A, DIN rail mount, zero voltage switching, input 4.....32 V DC, output 48.....600 V AC
Aug 19, 2021 |
|
SSD1A320BDC2
|
109Kb / 5P |
Harmony, Solid state relay, 20 A, DIN rail mount, zero voltage switching, input 4...32 V DC, output 48...600 V AC
Aug 19, 2021 |
|
SSD1A335BDC1
|
106Kb / 5P |
Harmony, Solid state relay, 35 A, DIN rail mount, zero voltage switching, input 4...32 V DC, output 48...600 V AC
Aug 19, 2021 |
|
SSD1A335BDC2
|
109Kb / 5P |
Harmony, Solid state relay, 35 A, DIN rail mount, zero voltage switching, input 4...32 V DC, output 48...600 V AC
Aug 20, 2021 |
|
SSD1A345BDC2
|
112Kb / 5P |
Harmony, Solid state relay, 45 A, DIN rail mount, zero voltage switching, input 4...32 V DC, output 48...600 V AC
|
|
SSD1A360BDC2
|
112Kb / 5P |
Harmony, Solid state relay, 60 A, DIN rail mount, zero voltage switching, input 4...32 V DC, output 48...600 V AC
Aug 20, 2021 |
|
SSP1A490BD
|
119Kb / 5P |
Harmony, Solid state relay, 90 A, DIN rail mount, zero voltage switching, input 4...32 V DC, output 48...660 V AC
Aug 19, 2021 |