công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ARS23882W bảng dữ liệu (PDF) - NXP Semiconductors

98ARS23882W Datasheet PDF - NXP Semiconductors
tên linh kiện 98ARS23882W
tải về  98ARS23882W tải về
kích thước tập tin   528.63 Kbytes
Page   54 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện MPC5510 Microcontroller Family Data Sheet

98ARS23882W Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
98ARS23882W Datasheet PDF - NXP Semiconductors

tên linh kiện 98ARS23882W
tải về  98ARS23882W Click to download

kích thước tập tin   528.63 Kbytes
Page   54 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện MPC5510 Microcontroller Family Data Sheet

98ARS23882W bảng dữ liệu (HTML) - NXP Semiconductors


98ARS23882W Thông tin chi tiết sản phẩm

MPC5510 Family Features
• Single issue, 32-bit CPU core complex (e200z1)
   – Compliant with the Power Architecture™ embedded category
   – Includes an instruction set enhancement allowing variable length encoding (VLE) for code size footprint reduction. With the optional encoding of mixed 16-bit and 32-bit instructions, it is possible to achieve significant code size footprint reduction.
• Up to 1.5-Mbyte on-chip flash with flash control unit (FCU)
• Up to 80 Kbytes on-chip SRAM
• Memory protection unit (MPU) with up to sixteen region descriptors and 32-byte region granularity
• Interrupt controller (INTC) capable of handling selectable-priority interrupt sources
• Frequency modulated Phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to peripherals, flash, or RAM from multiple bus masters
• 16-channel enhanced direct memory access controller (eDMA)
• Boot assist module (BAM) supports internal flash programming via a serial link (CAN or SCI)
• Timer supports input/output channels providing a range of 16-bit input capture, output compare, and pulse width modulation functions (eMIOS200)
• Up to 40-channel 12-bit analog-to-digital converter (ADC)
• Up to four serial peripheral interface (DSPI) modules
• Media Local Bus (MLB) emulation logic (works with two DSPIs, the e200z0, the eDMA, and system RAM to create a 3-pin or 5-pin 256Fs MLB protocol)
• Up to eight serial communication interface (eSCI) modules
• Up to six enhanced full CAN (FlexCAN) modules with configurable buffers
• One inter IC communication interface (I2C) module
• Up to 144 configurable general purpose pins supporting input and output operations and 3.0V through 5.5V supply levels
• Real-time counter (RTC_API) with clock source from external 32-kHz crystal oscillator, internal 32-kHz or 16-MHz oscillator and supporting wake-up with selectable 1-second resolution and > 1-hour timeout, or 1-millisecond resolution with maximum timeout of one second
• Up to eight periodic interrupt timers (PIT) with 32-bit counter resolution
• Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus standard
• Device/board test support per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of 5V input to 1.5V and 3.3V internal supply levels
• Optional e200z0, second Power Architecture based I/O processor with VLE instruction set
• Optional FlexRAY controller
• Optional external bus interface (EBI) module




Số phần tương tự - 98ARS23882W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input NAND Gate
April, 2022 ??Rev. 16
98ARB18753C ONSEMI-98ARB18753C Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
98ARB18753C ONSEMI-98ARB18753C Datasheet
289Kb / 9P
Single Inverter
May, 2022 ??Rev. 14
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input AND Gate
April, 2022 ??Rev. 19
98ARB18753C ONSEMI-98ARB18753C Datasheet
248Kb / 10P
Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results


Mô tả tương tự - 98ARS23882W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
logo
Freescale Semiconductor...
MPC5510 FREESCALE-MPC5510 Datasheet
435Kb / 54P
MPC5510 Microcontroller Family Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5516EAMLQ48 FREESCALE-SPC5516EAMLQ48 Datasheet
365Kb / 54P
MPC5510 Microcontroller
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com