| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
ESD101-B1-02
|
656Kb / 15P |
Bi-directional, 5.5 V, 0.1 pF, 0201, 0402, RoHS and Halogen Free compliant
Revision 1.3, 2015-07-13 |
|
ESD202-B1-CSP01005
|
718Kb / 14P |
Bi-directional, 5.5 V, 6.5 pF, 01005, RoHS and Halogen Free compliant
Revision 1.2, 2014-12-23 |
|
ESD307-U1-02N
|
694Kb / 14P |
Uni-directional, 10 V, 270 pF, 0603, RoHS and Halogen Free compliant
Revision 1.0, 2014-05-30 |
|
ESD231-B1-W0201
|
851Kb / 16P |
Bi-directional, 5.5 V, 3.5 pF, 0201, RoHS and Halogen Free compliant
Revision 1.1, 2015-10-02 |
|
ESD120-B1-W0201
|
2Mb / 14P |
Protection device Bi-directional, 2.1 V, 0.28 pF, 0201, RoHS and halogen free compliant
v1.0 2019-06-24 |
|
ESD121-B1-W0201
|
2Mb / 14P |
Bi-directional, 7 V, 0.25 pF, 0201, RoHS and halogen free compliant
v1.1 2019-07-29 |
|
ESD131-B1-W0201
|
795Kb / 14P |
Bi-directional, 5.5 V, 0.23 pF, 0201, RoHS and Halogen Free compliant
Revision 1.0 2017-03-27 |
|
ESD133-B1-W01005
|
851Kb / 14P |
Bi-directional, 5.5 V, 0.2 pF, 01005, RoHS and Halogen Free compliant
Revision 1.0 2018-01-12 |
|
ESD145-B1-W01005
|
852Kb / 14P |
Bi-directional, 18 V, 0.2 pF, 01005, RoHS and Halogen Free compliant
Revision 1.0 2017-08-14 |
|
ESD234-B1-W0201
|
732Kb / 14P |
Bi-directional, 5.5 V, 56 pF, 0201, RoHS and halogen free compliant
Revision 1.0 2018-09-06 |