công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78FC30HT1 bảng dữ liệu (PDF) - ON Semiconductor

MC78FC30HT1 Datasheet PDF - ON Semiconductor
tên linh kiện MC78FC30HT1
tải về  MC78FC30HT1 tải về
kích thước tập tin   84.88 Kbytes
Page   4 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78FC30HT1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC78FC30HT1 Datasheet PDF - ON Semiconductor

tên linh kiện MC78FC30HT1
tải về  MC78FC30HT1 Click to download

kích thước tập tin   84.88 Kbytes
Page   4 Pages
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Giải thích chi tiết về linh kiện MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78FC30HT1 bảng dữ liệu (HTML) - ON Semiconductor


MC78FC30HT1 Thông tin chi tiết sản phẩm

Micropower Voltage Regulator

The MC78FC00 series voltage regulators are specifically designed for use as a power source for video instruments, handheld communication equipment, and battery powered equipment.
The MC78FC00 series voltage regulator ICs feature a high accuracy output voltage and ultra−low quiescent current. Each device contains a voltage reference unit, an error amplifier, a driver transistor, and resistors for setting output voltage, and a current limit circuit. These devices are available in SOT−89 surface mount packages, and allow construction of an efficient, constant voltage power supply circuit.

Features
• Ultra−Low Quiescent Current of 1.1 A Typical
• Ultra−Low Dropout Voltage (100 mV at 10 mA)
• Large Output Current (up to 120 mA)
• Excellent Line Regulation (0.1%)
• Wide Operating Voltage Range (2.0 V to 10 V)
• High Accuracy Output Voltage (±2.5%)
• Wide Output Voltage Range (2.0 V to 6.0 V)
• Surface Mount Package (SOT−89)
• These are Pb−Free Devices




Số phần tương tự - MC78FC30HT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC78FC30HT1 MOTOROLA-MC78FC30HT1 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC30HT1 ONSEMI-MC78FC30HT1 Datasheet
55Kb / 8P
Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78FC30HT1G ONSEMI-MC78FC30HT1G Datasheet
145Kb / 5P
Micropower Voltage Regulator
December, 2009 ??Rev. 7
More results


Mô tả tương tự - MC78FC30HT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results




Giới thiệu về ON Semiconductor


ON Semiconductor là một công ty giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các sản phẩm bán dẫn cho nhiều ứng dụng bao gồm ô tô, điện toán, hàng tiêu dùng, thị trường công nghiệp và truyền thông.
Công ty được thành lập vào năm 1999 và có trụ sở tại Phoenix, Arizona.
Trên chất bán dẫn cung cấp một danh mục rộng lớn về quản lý năng lượng, chất bán dẫn tương tự và rời rạc bao gồm MOSFET, điốt, bộ chỉnh lưu, bộ điều chỉnh điện áp, trong số những người khác.
Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, đáng tin cậy và hiệu quả về chi phí và được sử dụng trong nhiều ứng dụng bao gồm điện tử di động, hệ thống tự động hóa công nghiệp, hệ thống năng lượng tái tạo và điện tử ô tô.
Về chất bán dẫn cam kết đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của khách hàng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com