| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Laird Tech Smart Techno... |
DIPOLE-WCP
|
727Kb / 1P |
Alignment notches to prevent rotation
|
 Delta Electronics, Inc. |
PJB-24V100WXXA
|
890Kb / 14P |
Power Boost of 200% for 10 seconds
|
 TOKYO SEIMITSU CO., LTD |
A-CS-300
|
332Kb / 2P |
Maximum rotation speed of spinning table: 3,000 min
|
|
RONDCOM-65B
|
330Kb / 2P |
Highest rotation accuracy in this class 0.01 關m
|
 List of Unclassifed Man... |
DWM1001
|
1Mb / 30P |
Ranging accuracy to within 10cm
|
 Molex Electronics Ltd. |
0732512301
|
40Kb / 1P |
50 Ohms, SMA Jack, Through Hole, Reverse Polarity, 0.02關m Gold (Au) Plating
|
|
0734152253
|
56Kb / 1P |
50 Ohms, MMCX Plug, 0.02關m Gold (Au) Plating, Crimp, 1.13mm Cable, Bag
|
 Mallory Sonalert Produc... |
ZA028LDCM1
|
131Kb / 1P |
Mode of OperationChime @ Once per 3 Seconds
|
 Schneider Electric |
IAP10S
|
121Kb / 2P |
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022 |
|
IGP10S
|
121Kb / 2P |
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022 |