công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM385B-2.5CSTB bảng dữ liệu (PDF) - Analog Intergrations Corporation

LM385B-2.5CSTB Datasheet PDF - Analog Intergrations Corporation
tên linh kiện LM385B-2.5CSTB
tải về  LM385B-2.5CSTB tải về
kích thước tập tin   120.18 Kbytes
Page   7 Pages
nhà sản xuất  AIC [Analog Intergrations Corporation]
Trang chủ  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Giải thích chi tiết về linh kiện Micropower Voltage Reference

LM385B-2.5CSTB Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LM385B-2.5CSTB Datasheet PDF - Analog Intergrations Corporation

tên linh kiện LM385B-2.5CSTB
tải về  LM385B-2.5CSTB Click to download

kích thước tập tin   120.18 Kbytes
Page   7 Pages
nhà sản xuất  AIC [Analog Intergrations Corporation]
Trang chủ  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Giải thích chi tiết về linh kiện Micropower Voltage Reference

LM385B-2.5CSTB bảng dữ liệu (HTML) - Analog Intergrations Corporation


LM385B-2.5CSTB Thông tin chi tiết sản phẩm

DESCRIPTION

The LM385-2.5 is a micropower 2-terminal band gap voltage  reference, which can  operate  in  a 20mA to 20mA current range, they feature exce ptionally low dynamic impedance and good te mperature stability. On-chip trimming is used to achieve tight voltage tolerance. Since the LM385-2.5 bandgap reference uses only transistors and resistors, low noise and good long-term stability result.



FEATURES

l  Operating Current from 20mA to 20mA.

l  Low Temperature Coefficient.

l  1% and 2% Initial Tolerance.

l  Low Dynamic Impedance.



APPLICATIONS

l  Portable, Battery-Powered Equipment.

l  Instrumentation.

l  Process Control.

l  Energy Management.

l  Product Testing.

l  Automotive.

l  Precision Audio Components.




Số phần tương tự - LM385B-2.5CSTB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI2-LM385B-2.5 Datasheet
981Kb / 26P
LMx85-2.5, LM385B-2.5 Micropower Voltage References
REVISED FEBRUARY 2018
More results


Mô tả tương tự - LM385B-2.5CSTB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results




Giới thiệu về Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com