| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 PHOENIX CONTACT |
2835642
|
97Kb / 4P |
Analog out motherboard for S7-300, to hold PI-C-UI-UI-AO, mounting on NS 32, or NS 35/7.5.
|
|
2835655
|
123Kb / 4P |
Analog IN-motherboard for S7-300, to hold PI-C-UI-UI-AI, mounting on NS 32, or NS 35/7.5.
|
|
2906364
|
45Kb / 2P |
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
|
|
2906487
|
83Kb / 3P |
Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
|
|
2955564
|
123Kb / 4P |
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
|
|
2956660
|
50Kb / 2P |
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
|
|
2956819
|
80Kb / 4P |
Electronics housing base element with snap-on foot for mounting on standard DIN rail, 35 mm wide
|
|
2959353
|
59Kb / 3P |
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
|
|
2970031
|
84Kb / 3P |
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
|
|
2302382
|
132Kb / 4P |
VARIOFACE module, with two equipotential busbars (P1, P2) for potential distribution, for mounting on NS 35/7.5 or NS 32
|