| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 PHOENIX CONTACT |
2200917
|
51Kb / 2P |
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
|
|
2200935
|
51Kb / 2P |
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
|
|
2200954
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 42.5 mm, Constructional height: 28.1 mm
|
|
2200955
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 60 mm, Constructional height: 28.1 mm
|
|
2200956
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
|
|
2200957
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 130 mm, Constructional height: 28.1 mm
|
|
2200958
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 165 mm, Constructional height: 28.1 mm
|
|
2200959
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 165 mm, Constructional height: 28.1 mm
|
|
2200960
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 235 mm, Constructional height: 28.1 mm
|
|
2200964
|
49Kb / 2P |
Panel mounting base, Upper part, Color: aluminum, Width: 60 mm, Constructional height: 43.1 mm
|