| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 List of Unclassifed Man... |
35559
|
43Kb / 1P |
TERMINAL, P.I.D.G., SPADE WIRE SIZE : 16-14
|
 Tyco Electronics |
34080
|
78Kb / 1P |
WIRE-TERMINAL PIDG-SPADE WIRE SIZE
|
|
52408
|
85Kb / 1P |
TERMINAL, SPRING SPADE PIDG, WIRE SIZE
|
|
34263
|
53Kb / 1P |
WIRE TERMINAL, SOLISTRAND, RECTANGULAR TONGUE WIRE SIZE
|
 Molex Electronics Ltd. |
98823-1011
|
70Kb / 1P |
NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits,
|
|
98823-1018
|
46Kb / 1P |
NSCC Male Housing, Terminal Size 1.50mm, Non-Sealed, 5.0mm Pitch, 10 Circuits
|
|
0988971119
|
62Kb / 1P |
NSCC Receptacle Terminal Size 1.5, Wire Size 0.49 up to 0.94mm2
|
|
0988971129
|
62Kb / 1P |
NSCC Receptacle Terminal Size 1.5, Wire Size 0.95 up to 1.87mm2
|
|
63901-3900
|
288Kb / 5P |
Fine Adjust Applicator for NSCC 1.5 Receptacle Terminals
08-14-09 |
|
0638198600
|
32Kb / 1P |
Hand Crimp Tool for NSCC 1.5 Receptacle Terminals
11/02/2021 |