công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KS8995X bảng dữ liệu (PDF) - Micrel Semiconductor

KS8995X Datasheet PDF - Micrel Semiconductor
tên linh kiện KS8995X
tải về  KS8995X tải về
kích thước tập tin   30.44 Kbytes
Page   4 Pages
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Giải thích chi tiết về linh kiện Integrated 5-Port 10/100 QoS Switch

KS8995X Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
KS8995X Datasheet PDF - Micrel Semiconductor

tên linh kiện KS8995X
tải về  KS8995X Click to download

kích thước tập tin   30.44 Kbytes
Page   4 Pages
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Giải thích chi tiết về linh kiện Integrated 5-Port 10/100 QoS Switch

KS8995X bảng dữ liệu (HTML) - Micrel Semiconductor


KS8995X Thông tin chi tiết sản phẩm

General Description
The KS8995X is a highly integrated Layer-2 QoS (Quality of Service) switch with optimized BOM (Bill of Materials) cost for low port count, cost-sensitive 10/100Mbps switch systems. It also provides an extensive feature set including three different QoS priority schemes, a dual MII interface for BOM cost reduction, rate limiting to offload CPU tasks, software and hardware power-down, a MDC/MDIO control interface and port mirroring/monitoring to effectively address both current and emerging Fast Ethernet applications.

Features
• Integrated switch with five MACs and five Fast Ethernet transceivers fully compliant to IEEE 802.3u standard
• Shared memory based switch fabric with fully nonblocking configuration
• 10BaseT, 100BaseTX and 100BaseFX modes (FX in Ports 4 and 5)
• Dual MII configuration: MII-Switch (MAC or PHY mode MII) and MII-P5 (PHY mode MII)
• VLAN ID tag/untag options, per-port basis
• Enable/disable option for huge frame size up to 1916 bytes per frame
• Broadcast storm protection with percent control – global and per-port basis
• Optimization for fiber-to-copper media conversion
• Full-chip hardware power-down support (register configuration not saved)
• Per-port-based software power-save on PHY (idle link detection, register configuration preserved)
• QoS/CoS packets prioritization supports: per port, 802.1p and DiffServ based
• 802.1p/q tag insertion or removal on a per-port basis (egress)
• Port-based VLAN support
• MDC and MDI/O interface support to access the MII PHY control registers (not all control registers)
• MII local loopback support
• On-chip 64Kbyte memory for frame buffering (not shared with 1K unicast address table)
• 1.4Gbps high-performance memory bandwidth
• Wire-speed reception and transmission
• Integrated look-up engine with dedicated 1K unicast MAC addresses
• Automatic address learning, address aging and address migration
• Full-duplex IEEE 802.3x and half-duplex back pressure flow control
• Comprehensive LED support
• 7-wire SNI support for legacy MAC interface
• Automatic MDI/MDI-X crossover for plug-and-play
• Disable automatic MDI/MDIX option
• Low power Core: 1.8V I/O: 2.5 or 3.3V
• 0.18µm CMOS technology
• Commercial temperature range: 0°C to +70°C
• Available in 128-pin PQFP package

Applications
• Broadband gateway/firewall/VPN
• Integrated DSL or cable modem multi-port router
• Wireless LAN access point plus gateway
• Home networking expansion
• Standalone 10/100 switch
• Hotel/campus/MxU gateway
• Enterprise VoIP gateway/phone
• FTTx customer premise equipment
• Media converter




Số phần tương tự - KS8995X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
KS8995X MICREL-KS8995X Datasheet
219Kb / 51P
Integrated 5-Port 10/100 QoS Switch
KS8995XA MICREL-KS8995XA Datasheet
305Kb / 51P
Integrated 5-Port 10/100 QoS Switch
KS8995XA MICREL-KS8995XA Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995X MICREL-KS8995X_04 Datasheet
219Kb / 51P
Integrated 5-Port 10/100 QoS Switch
More results


Mô tả tương tự - KS8995X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
Integrated 5-Port 10/100 Managed Switch
KS8995XA MICREL-KS8995XA Datasheet
305Kb / 51P
Integrated 5-Port 10/100 QoS Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
Integrated 5-Port 10/100 Managed Switch
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995X MICREL-KS8995X_04 Datasheet
219Kb / 51P
Integrated 5-Port 10/100 QoS Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com