công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EC732302 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EC732302 Datasheet

  • # Example questions: ➢ What is the maximum drain current (id) when the device is pulsed?
    ➢ What is the typical gate threshold voltage (vgs(th)) at 25°c?
    ➢ What package type is the ec732302 available in?

  • Part No.EC732302
    ManufacturerE-CMOS
    Size757 Kbytes
    Pages6 pages
    Description20V, 2.4A N-Channel MOSFET
    Datasheet Summary with AI

    # EC732302, 20V 2.4A N-Channel MOSFET

    Description
    The EC732302 utilizes advanced trench technology for excellent RDS(ON), low gate charge, and operation with gate voltages as low as 2.5V. Suitable for battery protection and switching applications.

    Features & Benefits
    ️· VDS = 20V, ID = 2.4A
    - RDS(ON) < 115mΩ @ VGS = 2.5V
    - RDS(ON) < 60mΩ @ VGS = 4.5V
    ️· High power and current handling capability
    ️· Lead-free product
    ️· Surface Mount Package

    Application
    ️· Battery protection
    ️· Load switch
    ️· Power management

    Absolute Maximum Ratings
    Parameter Symbol Limit Unit
    Drain-Source Voltage VDS 20 V
    Gate-Source Voltage VGS ±8 V
    Drain Current-Continuous (25°C) ID 2.4 A
    Drain Current-Continuous (70°C) ID 1.7 A
    Drain Current (Pulsed) IDM 10 A
    Maximum Power Dissipation PD 0.9 W
    Operating Junction & Storage Temperature TJ,TSTG -55 to 150 °C

    Electrical Characteristics
    Parameter Symbol Condition Min Typ Max Unit
    Drain-Source Breakdown Voltage BVDSS VGS=0V, ID=250μA 20 V
    Zero Gate Voltage Drain Current IDSS VDS=20V, VGS=0V 1 μA
    Gate Threshold Voltage VGS(th) VDS=VGS, ID=250μA 0.65 0.95 1.2 V
    Drain-Source On-State Resistance RDS(ON) VGS=2.5V, ID=3.1A 70 115
    RDS(ON) VGS=4.5V, ID=3.6A 45 60
    Forward Transconductance gFS VDS=5V, ID=3.6A 8 S
    Input Capacitance Ciss VDS=10V, VGS=0V, f=1.0MHz 300 pF
    Output Capacitance Coss 120 pF
    Reverse Transfer Capacitance Crss 80 pF
    Turn-on Delay Time td(on) VDD=10V, RL=2.8Ω, VGS=4.5V, RGEN=6Ω, ID=3.6A 7 15 ns
    Turn-on Rise Time tr 55 80 ns
    Turn-Off Delay Time td(off) 16 60 ns
    Turn-Off Fall Time tf 10 25 ns
    Total Gate Charge Qg VDS=10V, ID=3.6A, VGS=4.5V 4.0 10 nC
    Diode Forward Voltage VSD VGS=0V, IS=0.94A 0.76 1.2 V

    Ordering and Marking
    ️· EC732302B1R: SOT23-3L, Reel Size: Ø 180mm, Tape Width: 8 mm, Quantity: 3000 units.
    ️· "R" indicates Tape & Reel packaging.
    ️· "B1" signifies SOT23-3L package.

    # EC732302, 20V 2.4A N-Channel MOSFET

    Description
    The EC732302 utilizes advanced trench technology for excellent RDS(ON), low gate charge, and operation with gate voltages as low as 2.5V. Suitable for battery protection and switching applications.

    Features & Benefits
    ️· VDS = 20V, ID = 2.4A
    - RDS(ON) < 115mΩ @ VGS = 2.5V
    - RDS(ON) < 60mΩ @ VGS = 4.5V
    ️· High power and current handling capability
    ️· Lead-free product
    ️· Surface Mount Package

    Application
    ️· Battery protection
    ️· Load switch
    ️· Power management

    Absolute Maximum Ratings
    Parameter Symbol Limit Unit
    Drain-Source Voltage VDS 20 V
    Gate-Source Voltage VGS ±8 V
    Drain Current-Continuous (25°C) ID 2.4 A
    Drain Current-Continuous (70°C) ID 1.7 A
    Drain Current (Pulsed) IDM 10 A
    Maximum Power Dissipation PD 0.9 W
    Operating Junction & Storage Temperature TJ,TSTG -55 to 150 °C

    Electrical Characteristics
    Parameter Symbol Condition Min Typ Max Unit
    Drain-Source Breakdown Voltage BVDSS VGS=0V, ID=250μA 20 V
    Zero Gate Voltage Drain Current IDSS VDS=20V, VGS=0V 1 μA
    Gate Threshold Voltage VGS(th) VDS=VGS, ID=250μA 0.65 0.95 1.2 V
    Drain-Source On-State Resistance RDS(ON) VGS=2.5V, ID=3.1A 70 115
    RDS(ON) VGS=4.5V, ID=3.6A 45 60
    Forward Transconductance gFS VDS=5V, ID=3.6A 8 S
    Input Capacitance Ciss VDS=10V, VGS=0V, f=1.0MHz 300 pF
    Output Capacitance Coss 120 pF
    Reverse Transfer Capacitance Crss 80 pF
    Turn-on Delay Time td(on) VDD=10V, RL=2.8Ω, VGS=4.5V, RGEN=6Ω, ID=3.6A 7 15 ns
    Turn-on Rise Time tr 55 80 ns
    Turn-Off Delay Time td(off) 16 60 ns
    Turn-Off Fall Time tf 10 25 ns
    Total Gate Charge Qg VDS=10V, ID=3.6A, VGS=4.5V 4.0 10 nC
    Diode Forward Voltage VSD VGS=0V, IS=0.94A 0.76 1.2 V

    Ordering and Marking
    ️· EC732302B1R: SOT23-3L, Reel Size: Ø 180mm, Tape Width: 8 mm, Quantity: 3000 units.
    ️· "R" indicates Tape & Reel packaging.
    ️· "B1" signifies SOT23-3L package.

    Part No.EC732302
    ManufacturerE-CMOS
    Size757 Kbytes
    Pages6 pages
    Description20V, 2.4A N-Channel MOSFET