công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GBJ25005 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GBJ25005_16 Datasheet

  • # Example questions: ➢ What is the specified storage temperature range for these bridge rectifiers?
    ➢ What is the maximum average forward rectified current for the gbj25005 when used without a heatsink?
    ➢ How does the typical junction capacitance per element relate to the test conditions used for its measurement?

  • Part No.GBJ25005_16
    ManufacturerSIRECTIFIER
    Size88 Kbytes
    Pages2 pages
    DescriptionSingle Phase Bridge Rectifiers
    Datasheet Summary with AI

    # Single Phase Bridge Rectifiers (GBJ25005 thru GBJ2516)

    ## Features
    · Voltage Rating: Up to 1600V PRV
    · Application: Ideal for printed circuit boards
    · Performance: Low forward voltage drop, high current capability
    · Construction: Molded plastic for low cost
    · Compliance: RoHS compliant, UL File E310749

    ## Mechanical Data
    · Polarity: Marked on body
    · Weight: 7 grams
    · Mounting: Any orientation

    ## Electrical Characteristics
    · I(AV) (Average Forward Current): 25.0A (with heatsink @100°C), 4.2A (without heatsink)
    · IFSM (Peak Forward Surge Current): 350A
    · VF (Maximum Forward Voltage): 1.05V @ 12.5A
    · IR (Maximum Reverse Current): 10µA @ 25°C, 500µA @ 125°C
    · I²t Rating: 510A²s

    · CJ (Junction Capacitance): 85pF
    · RΘJC (Thermal Resistance): 0.6°C/W
    · Operating Temperature: -55 to +150°C
    · Storage Temperature: -55 to +150°C

    ## Model Specifications
    | Model | VRRM (V) | VWS (V) | VDC (V) |
    |------------|----------|---------|---------|
    | GBJ25005 | 50 | 35 | 50 |
    | GBJ2502 | 200 | 140 | 200 |
    | GBJ2504 | 400 | 280 | 400 |
    | GBJ2506 | 600 | 420 | 600 |
    | GBJ2508 | 800 | 560 | 800 |
    | GBJ2512 | 1200 | 840 | 1200 |
    | GBJ2516 | 1600 | 1120 | 1600 |

    # Single Phase Bridge Rectifiers (GBJ25005 thru GBJ2516)

    ## Features
    · Voltage Rating: Up to 1600V PRV
    · Application: Ideal for printed circuit boards
    · Performance: Low forward voltage drop, high current capability
    · Construction: Molded plastic for low cost
    · Compliance: RoHS compliant, UL File E310749

    ## Mechanical Data
    · Polarity: Marked on body
    · Weight: 7 grams
    · Mounting: Any orientation

    ## Electrical Characteristics
    · I(AV) (Average Forward Current): 25.0A (with heatsink @100°C), 4.2A (without heatsink)
    · IFSM (Peak Forward Surge Current): 350A
    · VF (Maximum Forward Voltage): 1.05V @ 12.5A
    · IR (Maximum Reverse Current): 10µA @ 25°C, 500µA @ 125°C
    · I²t Rating: 510A²s
    · CJ (Junction Capacitance): 85pF
    · RΘJC (Thermal Resistance): 0.6°C/W
    · Operating Temperature: -55 to +150°C
    · Storage Temperature: -55 to +150°C

    ## Model Specifications
    Model VRRM (V) VWS (V) VDC (V)
    GBJ25005 50 35 50
    GBJ2502 200 140 200
    GBJ2504 400 280 400
    GBJ2506 600 420 600
    GBJ2508 800 560 800
    GBJ2512 1200 840 1200
    GBJ2516 1600 1120 1600

    Part No.GBJ25005_16
    ManufacturerSIRECTIFIER
    Size88 Kbytes
    Pages2 pages
    DescriptionSingle Phase Bridge Rectifiers