| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about NT5032BA Datasheet
# Example questions:
➢ What is the maximum allowable frequency deviation over the operating temperature range for the nt5032ba model?
➢ How does the current consumption of this oscillator compare between the different operating temperature ranges?
➢ What are the recommended bypass capacitor values for the vcfilter and vcc terminals, and why are they important?
# Crystal Oscillator (NT5032BA / NT5032BB)
## General Description
· High Precision Temperature Compensated Crystal Oscillator (TCXO)
· Designed for STRATUM3 applications
· Suitable for SONET/SDH and Basestation applications
## Features
· Temperature Range:
- NT5032BA: -10 to +70°C
- NT5032BB: -40 to +85°C
- NT5032BB: -40 to +105°C
· Frequency Range: 10 MHz to 26 MHz (NT5032BA), 10 MHz to 40 MHz (NT5032BB), 10 MHz to 25 MHz (NT5032BB)
· Supply Voltage: +3.3V ±2% (NT5032BA), +3.3V ±5% (NT5032BB)
· Current Consumption: Max. 6mA
· Output Voltage: Selectable CMOS or Clipped Sine
· Package: SMD (5.0×3.2×1.8mm)
· Enable/Disable Function: Available
## Specifications
· Overall Frequency Tolerance: Max. ±4.6×10⁻⁶
· Frequency/Temperature Characteristics:
- NT5032BA: Max. ±0.07×10⁻⁶
- NT5032BB: Max. ±0.28×10⁻⁶
- NT5032BB: Max. ±0.5×10⁻⁶
· Absolute Pull Range (APR) / Control Voltage: Min. ±5×10⁻⁶/+1.65V
· Enable/Disable Function:
- Enable: Min. 70% VCC or Open
- Disable: Max. 30% VCC
· Symmetry: 40% to 60%
· Output Load Condition: 15pF or 10kΩ // 10pF
## Dimensions & Terminals
· Overall Dimensions: 5.0×3.2×1.8mm
· Terminal Connections:
- #1: Vcont
- #2: Do Not Connect
- #3: Enable/Disable
- #4: GND
- #5: NC
- #6: Output
- #7: Vcfilter (Requires 0.033μF bypass capacitor near terminal)
- #8: Do Not Connect
- #9: VCC (Requires 0.01μF bypass capacitor near terminal)
- #10: NC
## Model Variations
· NT5032BA: CMOS output options (NSC5118B, NSC5118D, NSC5118F) and Clipped Sine output options (NSC5118A, NSC5118C, NSC5118E)
· NT5032BB: CMOS output options (NSC5119B, NSC5119D, NSC5119F) and Clipped Sine output options (NSC5119A, NSC5119C, NSC5119E)
## Ordering Information
· Specify model name, frequency, and specification number when ordering.
# Crystal Oscillator (NT5032BA / NT5032BB)
## General Description
· High Precision Temperature Compensated Crystal Oscillator (TCXO)
· Designed for STRATUM3 applications
· Suitable for SONET/SDH and Basestation applications
## Features
· Temperature Range:
- NT5032BA: -10 to +70°C
- NT5032BB: -40 to +85°C
- NT5032BB: -40 to +105°C
· Frequency Range: 10 MHz to 26 MHz (NT5032BA), 10 MHz to 40 MHz (NT5032BB), 10 MHz to 25 MHz (NT5032BB)
· Supply Voltage: +3.3V ±2% (NT5032BA), +3.3V ±5% (NT5032BB)
· Current Consumption: Max. 6mA
· Output Voltage: Selectable CMOS or Clipped Sine
· Package: SMD (5.0×3.2×1.8mm)
· Enable/Disable Function: Available
## Specifications
· Overall Frequency Tolerance: Max. ±4.6×10⁻⁶
· Frequency/Temperature Characteristics:
- NT5032BA: Max. ±0.07×10⁻⁶
- NT5032BB: Max. ±0.28×10⁻⁶
- NT5032BB: Max. ±0.5×10⁻⁶
· Absolute Pull Range (APR) / Control Voltage: Min. ±5×10⁻⁶/+1.65V
· Enable/Disable Function:
- Enable: Min. 70% VCC or Open
- Disable: Max. 30% VCC
· Symmetry: 40% to 60%
· Output Load Condition: 15pF or 10kΩ // 10pF
## Dimensions & Terminals
· Overall Dimensions: 5.0×3.2×1.8mm
· Terminal Connections:
- #1: Vcont
- #2: Do Not Connect
- #3: Enable/Disable
- #4: GND
- #5: NC
- #6: Output
- #7: Vcfilter (Requires 0.033μF bypass capacitor near terminal)
- #8: Do Not Connect
- #9: VCC (Requires 0.01μF bypass capacitor near terminal)
- #10: NC
## Model Variations
· NT5032BA: CMOS output options (NSC5118B, NSC5118D, NSC5118F) and Clipped Sine output options (NSC5118A, NSC5118C, NSC5118E)
· NT5032BB: CMOS output options (NSC5119B, NSC5119D, NSC5119F) and Clipped Sine output options (NSC5119A, NSC5119C, NSC5119E)
## Ordering Information
· Specify model name, frequency, and specification number when ordering.
| Part No. | NT5032BA |
| Manufacturer | NDK |
| Size | 703 Kbytes |
| Pages | 1 page |
| Description | High Precision Temperature Compensated Crystal Oscillator (TCXO) |