công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASP00886IRGCT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ASP00886IRGCT Datasheet

  • # Example questions: ➢ What are some of the communication interfaces supported by this microcontroller?
    ➢ What are the key power management features highlighted in the document?
    ➢ How much ram and flash memory are available in the highest configuration of this microcontroller?

  • Part No.ASP00886IRGCT
    ManufacturerTI1
    Size2Mb
    Pages128 pages
    DescriptionMixed-Signal Microcontrollers
    Datasheet Summary with AI

    # MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers

    ## 1 Device Overview

    Features

    ️· Low Supply Voltage: 3.6V to 1.8V
    ️· Ultra-Low Power Consumption
    ️· 16-bit RISC CPU with extended memory
    ️· Up to 25-MHz System Clock
    ️· Integrated USB and PHY
    ️· 12-bit ADC with internal reference
    ️· Two USCI interfaces (UART, IrDA, SPI, I2C)
    ️· Hardware Multiplier
    ️· DMA Controller
    ️· RTC with alarm
    ️· Flexible Power Management System

    Applications

    ️· Analog and Digital Sensor Systems
    ️· Data Loggers
    ️· USB Connectivity Applications

    Description

    The MSP430F552x/551x family of microcontrollers offers ultra-low power consumption and a range of peripherals for various applications. Key features include a 16-bit RISC CPU, integrated USB, ADC, and communication interfaces.

    ## 2 Functional Block Diagram

    (A detailed block diagram showing the interconnection of CPU, memory, peripherals like ADC, USB, timers, USCI, DMA, and RTC is present in the datasheet, but cannot be represented in this text-based summary.)

    ## 3 Device Information

    Part Number Package Body Size
    MSP430F5529PN LQFP (80) 12 mm × 12 mm
    MSP430F5528RGC VQFN (64) 9 mm × 9 mm
    MSP430F5528YFF DSBGA (64) 3.5 mm × 3.5 mm
    MSP430F5528ZQE MicroStar Junior™BGA(80) 5 mm × 5 mm
    MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513 Various See Datasheet

    # MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers

    ## 1 Device Overview

    Features

    ️· Low Supply Voltage: 3.6V to 1.8V
    ️· Ultra-Low Power Consumption
    ️· 16-bit RISC CPU with extended memory
    ️· Up to 25-MHz System Clock
    ️· Integrated USB and PHY
    ️· 12-bit ADC with internal reference
    ️· Two USCI interfaces (UART, IrDA, SPI, I2C)
    ️· Hardware Multiplier
    ️· DMA Controller
    ️· RTC with alarm
    ️· Flexible Power Management System

    Applications

    ️· Analog and Digital Sensor Systems
    ️· Data Loggers
    ️· USB Connectivity Applications

    Description

    The MSP430F552x/551x family of microcontrollers offers ultra-low power consumption and a range of peripherals for various applications. Key features include a 16-bit RISC CPU, integrated USB, ADC, and communication interfaces.

    ## 2 Functional Block Diagram

    (A detailed block diagram showing the interconnection of CPU, memory, peripherals like ADC, USB, timers, USCI, DMA, and RTC is present in the datasheet, but cannot be represented in this text-based summary.)

    ## 3 Device Information

    Part Number Package Body Size
    MSP430F5529PN LQFP (80) 12 mm × 12 mm
    MSP430F5528RGC VQFN (64) 9 mm × 9 mm
    MSP430F5528YFF DSBGA (64) 3.5 mm × 3.5 mm
    MSP430F5528ZQE MicroStar Junior™BGA(80) 5 mm × 5 mm
    MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513 Various See Datasheet

    Part No.ASP00886IRGCT
    ManufacturerTI1
    Size2Mb
    Pages128 pages
    DescriptionMixed-Signal Microcontrollers