| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LPC81XM_15 Datasheet
# Example questions:
➢ What functions can be assigned to pins pio0_0 and pio0_4 when entering isp mode with bootloader version 12?
➢ What is the isp entry pin for a dip8 package with bootloader version 4c or later?
➢ What is the significance of assigning the i2c0_scl and i2c0_sda functions to pins pio0_10 and pio0_11, and what special consideration should be taken into account regarding their functionality?
Here's a summary of the information provided in the text, focused on the key details about pin functions and ISP (In-System Programming) mode:
Key Pin Functions:
️· PIO0_0 to PIO0_17: These are general-purpose I/O pins that can be assigned to various functions via a switch matrix.
️· USART (UART): Several USART ports (U0, U1, U2) are available, with pins for TXD (transmit), RXD (receive), RTS, CTS, and SCLK.
️· SPI: Two SPI ports (SPI0, SPI1) are available, with pins for SCK, MOSI, MISO, and SSEL.
️· I2C: I2C0 is available. Pins PIO0\_10 and PIO0\_11 are the recommended pins for I2C, and provide higher current sink.
️· SCT (Stateful Clocked Timer): Pins for inputs (CTIN\_0-3) and outputs (CTOUT\_0-3).
️· ACMP: Analog comparator output.
ISP (In-System Programming) Details:
️· ISP Entry Pin: The pin used to initiate ISP mode changes depending on the bootloader version and package.
️· Bootloader Versions & Pins:
- Versions 13.1 & 13.2 (1A & 2A): PIO0\_1 is the ISP entry pin.
- Version 13.4 & later (4C):
■ DIP8 Package: PIO0\_1 is the ISP entry pin.
■ TSSOP20/SO20/TSSOP16/XSON16 Packages: PIO0\_12 is the ISP entry pin.
️· ISP Communication Pins: Regardless of the ISP entry pin, the following pins are used for ISP communication:
- USART RXD: PIO0\_0
- USART TXD: PIO0\_4
Important Considerations:
️· 5V Tolerance: Many pins are 5V tolerant, providing flexibility.
️· Open-Drain Pins: PIO0\_10 and PIO0\_11 are true open-drain pins and require external pull-up resistors for I2C functionality.
️· Package Variations: Pin assignments vary by package type.
Key Pin Functions:
️· PIO0_0 to PIO0_17: These are general-purpose I/O pins that can be assigned to various functions via a switch matrix.
️· USART (UART): Several USART ports (U0, U1, U2) are available, with pins for TXD (transmit), RXD (receive), RTS, CTS, and SCLK.
️· SPI: Two SPI ports (SPI0, SPI1) are available, with pins for SCK, MOSI, MISO, and SSEL.
️· I2C: I2C0 is available. Pins PIO0\_10 and PIO0\_11 are the recommended pins for I2C, and provide higher current sink.
️· SCT (Stateful Clocked Timer): Pins for inputs (CTIN\_0-3) and outputs (CTOUT\_0-3).
️· ACMP: Analog comparator output.
ISP (In-System Programming) Details:
️· ISP Entry Pin: The pin used to initiate ISP mode changes depending on the bootloader version and package.
️· Bootloader Versions & Pins:
- Versions 13.1 & 13.2 (1A & 2A): PIO0\_1 is the ISP entry pin.
- Version 13.4 & later (4C):
■ DIP8 Package: PIO0\_1 is the ISP entry pin.
■ TSSOP20/SO20/TSSOP16/XSON16 Packages: PIO0\_12 is the ISP entry pin.
️· ISP Communication Pins: Regardless of the ISP entry pin, the following pins are used for ISP communication:
- USART RXD: PIO0\_0
- USART TXD: PIO0\_4
Important Considerations:
️· 5V Tolerance: Many pins are 5V tolerant, providing flexibility.
️· Open-Drain Pins: PIO0\_10 and PIO0\_11 are true open-drain pins and require external pull-up resistors for I2C functionality.
️· Package Variations: Pin assignments vary by package type.
| Part No. | LPC81XM_15 |
| Manufacturer | PHILIPS |
| Size | 739 Kbytes |
| Pages | 77 pages |
| Description | 32-bit ARM Cortex-M0+ microcontroller; up to 16 kB flash and 4 kB SRAM |