công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP5589ACPZ-00-R7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADP5589ACPZ-00-R7 Datasheet

  • # Example questions: ➢ The text mentions different model options for the adp5589. what does the 'reset pass-through' feature (available in some models) do?
    ➢ Describe the i/o structure of the adp5589, detailing the available drive strengths and input options.
    ➢ What are the three primary functions the adp5589 can perform?

  • Part No.ADP5589ACPZ-00-R7
    ManufacturerAD
    Size644 Kbytes
    Pages52 pages
    DescriptionKeypad Decoder and I/O Expansion
    Datasheet Summary with AI

    1. Device Overview & Functionality

    ️· Purpose: The ADP5589 is a configurable device designed for flexible integration into various applications. It can operate as a keypad decoder, general-purpose I/O expander, PWM generator, and more.
    ️· Configuration: Configuration is done through an I²C interface.
    ️· Power Up & Reset: The device starts in a standby mode when sufficient voltage is applied to VDD and the RST pin is high. When RST is low, the device enters a reset state with default settings.
    ️· I/O Pins: It has 19 multi-configurable input/output pins.
    ️· Key Matrix Scanning: Supports keypad matrix scanning (up to 11 columns by 8 rows).
    ️· I/O Structure: Each I/O pin has a PMOS source (5mA) and an NMOS sink (10mA) for push-pull outputs, and can be configured for logic input with or without a debounce filter.
    ️· Special Functions: Includes capabilities like PWM generation, clock division, and dual logic functions.

    2. Pin Configuration & Functions (Summary)

    ️· I/O Pins: 19 multi-configurable pins
    ️· Keypad: Can decode keypads.
    ️· GPIO: Can be configured as general-purpose I/O
    ️· PWM: Can generate Pulse Width Modulation signals
    ️· Clock Division: Can divide external clock signals
    ️· Reset: Two reset generators (RESET1 and RESET2).
    ️· I2C: SDA and SCL are used for I2C communication.
    ️· INT: Open-drain interrupt output.
    ️· RST: Reset input (active low).
    ️· VDD: Supply Voltage
    ️· GND: Ground

    3. Available Models/Options (and their differences)

    ️· ADP5589ACPZ-00-R7 / ADP5589ACBZ-00-R7: All GPIOs pulled up (default).
    ️· ADP5589ACPZ-01-R7 / ADP5589ACBZ-01-R7: Reset pass-through (RESET1 follows the RST input).
    ️· ADP5589ACPZ-02-R7 / ADP5589ACBZ-02-R7: Pull-down on specific function pins (R0, R3, R4, C4, C6, C9).

    Key Takeaways:

    ️· The ADP5589 is a highly configurable device.
    ️· Its flexibility comes from the ability to re-purpose its I/O pins for various functions.
    ️· Model variations offer different features for specific applications.

    1. Device Overview & Functionality

    ️· Purpose: The ADP5589 is a configurable device designed for flexible integration into various applications. It can operate as a keypad decoder, general-purpose I/O expander, PWM generator, and more.
    ️· Configuration: Configuration is done through an I²C interface.
    ️· Power Up & Reset: The device starts in a standby mode when sufficient voltage is applied to VDD and the RST pin is high. When RST is low, the device enters a reset state with default settings.
    ️· I/O Pins: It has 19 multi-configurable input/output pins.
    ️· Key Matrix Scanning: Supports keypad matrix scanning (up to 11 columns by 8 rows).
    ️· I/O Structure: Each I/O pin has a PMOS source (5mA) and an NMOS sink (10mA) for push-pull outputs, and can be configured for logic input with or without a debounce filter.
    ️· Special Functions: Includes capabilities like PWM generation, clock division, and dual logic functions.

    2. Pin Configuration & Functions (Summary)

    ️· I/O Pins: 19 multi-configurable pins
    ️· Keypad: Can decode keypads.
    ️· GPIO: Can be configured as general-purpose I/O
    ️· PWM: Can generate Pulse Width Modulation signals
    ️· Clock Division: Can divide external clock signals
    ️· Reset: Two reset generators (RESET1 and RESET2).
    ️· I2C: SDA and SCL are used for I2C communication.
    ️· INT: Open-drain interrupt output.
    ️· RST: Reset input (active low).
    ️· VDD: Supply Voltage
    ️· GND: Ground

    3. Available Models/Options (and their differences)

    ️· ADP5589ACPZ-00-R7 / ADP5589ACBZ-00-R7: All GPIOs pulled up (default).
    ️· ADP5589ACPZ-01-R7 / ADP5589ACBZ-01-R7: Reset pass-through (RESET1 follows the RST input).
    ️· ADP5589ACPZ-02-R7 / ADP5589ACBZ-02-R7: Pull-down on specific function pins (R0, R3, R4, C4, C6, C9).

    Key Takeaways:

    ️· The ADP5589 is a highly configurable device.
    ️· Its flexibility comes from the ability to re-purpose its I/O pins for various functions.
    ️· Model variations offer different features for specific applications.

    Part No.ADP5589ACPZ-00-R7
    ManufacturerAD
    Size644 Kbytes
    Pages52 pages
    DescriptionKeypad Decoder and I/O Expansion