công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE44629 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE44629 Datasheet

  • # Example questions: ➢ Which cable types, beyond mil-c-17, are confirmed to be compatible with this connector?
    ➢ What is the length and width/diameter of this bnc male connector in both inches and millimeters?
    ➢ How does the connector’s plating material for the body affect its overall durability and performance?

  • Part No.PE44629
    ManufacturerPASTERNACK
    Size228 Kbytes
    Pages2 pages
    Description75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179-DS, 179DT
    Datasheet Summary with AI

    # 75 Ohm BNC Male Connector - PE44629

    ## Specifications
    ️· Connector Type: BNC Male
    ️· Impedance: 75 Ohms
    ️· Cable Compatibility: RG179-DS, RG179DT, MIL-C-17 and equivalent
    ️· Attachment Method: Crimp/Solder
    ️· Body Style: Straight
    ️· Dimensions: 1.265 in [32.13 mm] Length, 0.57 in [14.48 mm] Width/Diameter
    ️· Weight: 0.02 lbs [9.07 g]
    ️· Materials:
    - Contact: Brass, Gold Plating
    - Coupling Nut: Brass, Black Chrome Plating
    - Body: Brass, Nickel Plating
    - Dielectric: Teflon

    ## Compliance
    ️· RoHS Compliant

    ## Notes

    ️· Dimensions are nominal.
    ️· Specifications subject to change.
    ️· Dimensions in inches [mm].
    ️· FSCM No. 53919
    ️· CAD File: 080708
    ️· Scale: N/A
    ️· Size: A

    # 75 Ohm BNC Male Connector - PE44629

    ## Specifications
    ️· Connector Type: BNC Male
    ️· Impedance: 75 Ohms
    ️· Cable Compatibility: RG179-DS, RG179DT, MIL-C-17 and equivalent
    ️· Attachment Method: Crimp/Solder
    ️· Body Style: Straight
    ️· Dimensions: 1.265 in [32.13 mm] Length, 0.57 in [14.48 mm] Width/Diameter
    ️· Weight: 0.02 lbs [9.07 g]
    ️· Materials:
    - Contact: Brass, Gold Plating
    - Coupling Nut: Brass, Black Chrome Plating
    - Body: Brass, Nickel Plating
    - Dielectric: Teflon

    ## Compliance
    ️· RoHS Compliant

    ## Notes
    ️· Dimensions are nominal.
    ️· Specifications subject to change.
    ️· Dimensions in inches [mm].
    ️· FSCM No. 53919
    ️· CAD File: 080708
    ️· Scale: N/A
    ️· Size: A

    Part No.PE44629
    ManufacturerPASTERNACK
    Size228 Kbytes
    Pages2 pages
    Description75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179-DS, 179DT