công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP196 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about OP196 Datasheet

  • # Example questions: ➢ What are the thermal resistance values (θja) for the 8-lead soic package?
    ➢ What is the primary precaution recommended to prevent damage to the op196/op296/op496 due to electrostatic discharge?
    ➢ What is the maximum junction temperature for the op196g, op296g, and op496g models?

  • Part No.OP196
    ManufacturerAD
    Size337 Kbytes
    Pages16 pages
    DescriptionMicropower, Rail-to-Rail Input and Output Operational Amplifiers
    Datasheet Summary with AI

    1. General Information & Overview

    ️· Family: OP196, OP296, OP496 – These are general-purpose operational amplifiers.
    ️· Applications: Likely suitable for a wide range of analog circuit applications (the datasheet doesn't explicitly list them, but that's typical for general-purpose op-amps).

    2. Key Electrical Characteristics (from the two different Supply Voltage Conditions)

    ️· Supply Voltage: Typically operates with a supply voltage up to +15V (although this can be limited by input voltage constraints - see Absolute Maximum Ratings).
    ️· Input Voltage: Absolute maximum input voltage is equal to the supply voltage.
    ️· Input Offset Voltage: Relatively low (typical values in the range of millivolts, depending on the specific variant). This indicates good DC precision.
    ️· Input Bias Current: Also relatively low, contributing to good DC characteristics.
    ️· Gain-Bandwidth Product: Typically in the range of 1MHz to 5MHz, indicating moderate speed (suitable for many applications, but not high-speed ones). The specific number depends on the grade (GP, GS, HRU).
    ️· Slew Rate: Slew rate is a measure of how quickly the output voltage can change. It is an important factor for AC signal processing. (Values vary depending on the specific op-amp and grade)
    ️· Noise: Typical values are given, reflecting a moderate level of noise performance.

    3. Absolute Maximum Ratings

    ️· Supply Voltage: +15V
    ️· Differential Input Voltage: +15V (limited by the supply voltage)
    ️· Output Short Circuit Duration: Indefinite (implies a degree of robustness against output shorts, but it's still best to avoid them.)
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -40°C to +125°C (standard range)
    ️· Lead Temperature (Soldering): +300°C (important for assembly)

    4. Package Information

    ️· Available Packages:
    - 8-Lead Plastic DIP (Suffix: N)
    - 8-Lead SOIC (Suffix: SO)
    - 8-Lead TSSOP (Suffix: RU)
    - 14-Lead Plastic DIP (Suffix: N)
    - 14-Lead SOIC (Suffix: SO)
    - 14-Lead TSSOP (Suffix: RU)
    ️· Thermal Resistance: Values are provided for both DIP and SOIC/TSSOP packages, illustrating how well heat is dissipated from the chip. (θJA and θJC)

    5. Variants and Suffixes

    ️· GP: General Purpose
    ️· GS: Specific performance characteristics (likely improved, but not explicitly defined in these extracts)
    ️· HRU: High-speed/High-Resolution version (higher gain-bandwidth product and likely other performance enhancements).
    ️· Suffixes: Letters indicate package type (N=DIP, SO=SOIC, RU=TSSOP)

    6. Important Notes & Cautions

    ️· ESD Sensitivity: The devices are ESD sensitive. Appropriate handling precautions are essential to prevent damage.
    ️· Thermal Considerations: Pay attention to the thermal resistance values when designing the circuit to ensure the chip doesn't overheat.



    IMPORTANT CAVEATS & LIMITATIONS of this Summary:

    1. Incomplete Data: This summary is based *solely* on the provided datasheet excerpts. It does not represent the complete datasheet. Many critical parameters, application circuits, and detailed specifications are missing.
    2. No Detailed Electrical Tables: The provided material lacks comprehensive electrical tables with specific values for all characteristics across the operating temperature range.
    3. No Application Information: There's no discussion of how to use these op-amps in practical circuits.
    4. Variations: There are variations *within* the OP196/OP296/OP496 families depending on the grade (GP, GS, HRU) and package. The summary attempts to generalize, but specific values will vary. Always consult the full datasheet for the exact part you're using.
    5. No specific value comparison: This summary does not provide direct numerical comparisons between the three op-amp models.

    1. General Information & Overview

    ️· Family: OP196, OP296, OP496 – These are general-purpose operational amplifiers.
    ️· Applications: Likely suitable for a wide range of analog circuit applications (the datasheet doesn't explicitly list them, but that's typical for general-purpose op-amps).

    2. Key Electrical Characteristics (from the two different Supply Voltage Conditions)

    ️· Supply Voltage: Typically operates with a supply voltage up to +15V (although this can be limited by input voltage constraints - see Absolute Maximum Ratings).
    ️· Input Voltage: Absolute maximum input voltage is equal to the supply voltage.
    ️· Input Offset Voltage: Relatively low (typical values in the range of millivolts, depending on the specific variant). This indicates good DC precision.
    ️· Input Bias Current: Also relatively low, contributing to good DC characteristics.
    ️· Gain-Bandwidth Product: Typically in the range of 1MHz to 5MHz, indicating moderate speed (suitable for many applications, but not high-speed ones). The specific number depends on the grade (GP, GS, HRU).
    ️· Slew Rate: Slew rate is a measure of how quickly the output voltage can change. It is an important factor for AC signal processing. (Values vary depending on the specific op-amp and grade)
    ️· Noise: Typical values are given, reflecting a moderate level of noise performance.

    3. Absolute Maximum Ratings

    ️· Supply Voltage: +15V
    ️· Differential Input Voltage: +15V (limited by the supply voltage)
    ️· Output Short Circuit Duration: Indefinite (implies a degree of robustness against output shorts, but it's still best to avoid them.)
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -40°C to +125°C (standard range)
    ️· Lead Temperature (Soldering): +300°C (important for assembly)

    4. Package Information

    ️· Available Packages:
    - 8-Lead Plastic DIP (Suffix: N)
    - 8-Lead SOIC (Suffix: SO)
    - 8-Lead TSSOP (Suffix: RU)
    - 14-Lead Plastic DIP (Suffix: N)
    - 14-Lead SOIC (Suffix: SO)
    - 14-Lead TSSOP (Suffix: RU)
    ️· Thermal Resistance: Values are provided for both DIP and SOIC/TSSOP packages, illustrating how well heat is dissipated from the chip. (θJA and θJC)

    5. Variants and Suffixes

    ️· GP: General Purpose
    ️· GS: Specific performance characteristics (likely improved, but not explicitly defined in these extracts)
    ️· HRU: High-speed/High-Resolution version (higher gain-bandwidth product and likely other performance enhancements).
    ️· Suffixes: Letters indicate package type (N=DIP, SO=SOIC, RU=TSSOP)

    6. Important Notes & Cautions

    ️· ESD Sensitivity: The devices are ESD sensitive. Appropriate handling precautions are essential to prevent damage.
    ️· Thermal Considerations: Pay attention to the thermal resistance values when designing the circuit to ensure the chip doesn't overheat.



    IMPORTANT CAVEATS & LIMITATIONS of this Summary:

    1. Incomplete Data: This summary is based *solely* on the provided datasheet excerpts. It does not represent the complete datasheet. Many critical parameters, application circuits, and detailed specifications are missing.
    2. No Detailed Electrical Tables: The provided material lacks comprehensive electrical tables with specific values for all characteristics across the operating temperature range.
    3. No Application Information: There's no discussion of how to use these op-amps in practical circuits.
    4. Variations: There are variations *within* the OP196/OP296/OP496 families depending on the grade (GP, GS, HRU) and package. The summary attempts to generalize, but specific values will vary. Always consult the full datasheet for the exact part you're using.
    5. No specific value comparison: This summary does not provide direct numerical comparisons between the three op-amp models.

    Part No.OP196
    ManufacturerAD
    Size337 Kbytes
    Pages16 pages
    DescriptionMicropower, Rail-to-Rail Input and Output Operational Amplifiers