công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.TS2PCIE412RUAR
MfrTI1
Size570 Kbytes
Pages17 pages
Description4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
Datasheet SummaryAI
# TS2PCIE412 4-Channel PCIe Multiplexer/Demultiplexer Switch

## Features
️· Compatible with PCIe standard.
️· Wide bandwidth: > 3 Gbps.
️· Low crosstalk: -32 dB typical at 1.25 GHz.
️· Low bit-to-bit skew: 0.06 ns typical.
️· VDD operating range: 1.5V to 2V.
️· Supports partial power-down mode.
️· Latch-up and ESD performance tested.

## Applications
️· PCIe bus multiplexing and expansion.
️· Routing PCIe data/DisplayPort signals.
️· Notebook/Desktop PCs/Servers/SANs.

## Description
The TS2PCIE412 is a 4-channel PCIe 2:1 multiplexer/demultiplexer switch. It routes one PCIe data lane between two destinations or two lanes to one. Each channel has RX/TX pairs and supports up to 2.5 Gbps. Controlled by a single select (SEL) pin.

## Ordering Information
️· TS2PCIE412RUAR (QFN RUA package, tape and reel)

## Electrical Characteristics (1.8V Supply)
️· ICC: 200-400mA
️· rON: 12-18 Ohms
️· CIN/COFF: 1-4.5 pF

## Absolute Maximum Ratings
️· VDD: -0.5 to 2.5V
️· VIN/VI/O: -0.5 to 2.5V

## Package Thermal Impedance
️· RJA: 51.2 °C/W (RUA package)

## Parameter Measurement Information
️· Test circuits and waveforms for enable/disable times and other key parameters are provided in figures.
️· Refer to datasheet figures 6, 7, 8, 9, and 10 for details.
TS2PCIE412RUAR Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about TS2PCIE412RUAR Datasheet.
    Example questions: ➤ What are the characteristics of the input pulses used for testing enable/disable times?➤ What is the typical value of rl (load resistance) used in the test circuit for measuring enable and disable times (as shown in figure 6)?➤ What is the typical off isolation at 25 ghz, according to figure 2?
  • Datasheet Details
    Part No.TS2PCIE412RUAR
    ManufacturerTI1
    Size570 Kbytes
    Pages17 pages
    Description4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
    Datasheet Summary AI Expand summary
    # TS2PCIE412 4-Channel PCIe Multiplexer/Demultiplexer Switch

    ## Features
    ️· Compatible with PCIe standard.
    ️· Wide bandwidth: > 3 Gbps.
    ️· Low crosstalk: -32 dB typical at 1.25 GHz.
    ️· Low bit-to-bit skew: 0.06 ns typical.
    ️· VDD operating range: 1.5V to 2V.
    ️· Supports partial power-down mode.
    ️· Latch-up and ESD performance tested.

    ## Applications
    ️· PCIe bus multiplexing and expansion.
    ️· Routing PCIe data/DisplayPort signals.
    ️· Notebook/Desktop PCs/Servers/SANs.

    ## Description
    The TS2PCIE412 is a 4-channel PCIe 2:1 multiplexer/demultiplexer switch. It routes one PCIe data lane between two destinations or two lanes to one. Each channel has RX/TX pairs and supports up to 2.5 Gbps. Controlled by a single select (SEL) pin.

    ## Ordering Information
    ️· TS2PCIE412RUAR (QFN RUA package, tape and reel)

    ## Electrical Characteristics (1.8V Supply)
    ️· ICC: 200-400mA
    ️· rON: 12-18 Ohms
    ️· CIN/COFF: 1-4.5 pF

    ## Absolute Maximum Ratings
    ️· VDD: -0.5 to 2.5V
    ️· VIN/VI/O: -0.5 to 2.5V

    ## Package Thermal Impedance
    ️· RJA: 51.2 °C/W (RUA package)

    ## Parameter Measurement Information
    ️· Test circuits and waveforms for enable/disable times and other key parameters are provided in figures.
    ️· Refer to datasheet figures 6, 7, 8, 9, and 10 for details.