công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXHV9910 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MXHV9910 Datasheet

  • # Example questions: ➢ What is the primary purpose of the current sense blanking feature in the mxhv9910?
    ➢ What is the relationship between the external resistor connected to the rt pin and the switching frequency (fs) of the mxhv9910?
    ➢ Explain how the mxhv9910 enables dimming of leds and list the two methods described in the text.

  • Part No.MXHV9910
    ManufacturerCLARE
    Size604 Kbytes
    Pages11 pages
    DescriptionOff-Line, High Brightness LED Driver
    Datasheet Summary with AI

    1. Overview

    ️· What it is: A constant frequency, off-line LED driver IC.
    ️· Purpose: Designed to drive multiple LEDs in series or parallel, often used in flat panel backlights, signage, and decorative lighting.
    ️· Topology: Buck converter.
    ️· Key Advantages:
    - High Efficiency
    - Minimal External Components
    - Integrated voltage regulator simplifies startup and bias power
    - No external RC filtering needed for current sense blanking
    - Flexible dimming options (DC control via LD pin or PWM via PWMD pin)

    2. Functionality

    ️· Enable/Disable: PWMD pin controls the gate driver. PWMD tied to VDD = Enabled; PWMD tied to GND = Disabled (shutdown mode).
    ️· LED Driver: Works by switching the power MOSFET on and off, controlling the inductor current.
    ️· Current Sense: External resistor (R_SENSE) sets the peak LED current.
    ️· Dimming:
    - LD Pin: Can override the default current sense threshold (V_CS(high)) to lower the peak current (soft start can be implemented here)
    - PWMD Pin: Applying a low-frequency PWM signal (typically 500Hz) to the PWMD pin enables PWM dimming.
    ️· Voltage Regulator: Internal regulator provides a regulated output (typically 7.8V) from an input voltage range of 12V to 450V. This can be bypassed with an external supply for more efficient isolated applications.
    ️· Oscillator: External resistor (R_T) determines the switching frequency.
    ️· Current Sense Blanking: Internal blanking circuit prevents premature termination of the gate drive signal.
    ️· Soft Start: Achieved by slowly ramping up the voltage on the LD pin.

    3. Design Considerations

    ️· Current Sense Resistor (R_SENSE):
    - Critical for setting peak LED current.
    - Calculated based on desired LED current, ripple current, and the internal current sense threshold.
    - Power dissipation must be considered – select a resistor with adequate power rating.
    ️· Inductor:
    - Size is determined by LED ripple current, maximum on-time, and the LED string voltage.
    - Maximum duty cycle should be kept below 50%.
    ️· Switching Frequency: Controlled by R_T resistor. Range is typically 30kHz to 120kHz.
    ️· Input Capacitor: Low ESR capacitor is required at VDD to minimize switching noise.
    ️· PWM Frequency: The recommended PWM dimming frequency is 500Hz.
    ️· Soft Start Implementation: Implement soft start by slowly ramping the voltage applied to the LD pin.

    4. Key Equations

    ️· Enable/Disable (Duty Cycle):
    `D_max = V_LEDstring / (V_in - V_LEDstring)`
    ️· Maximum ON-Time:
    `t_ONmax = D_max / f_s`
    ️· Minimum Inductance:
    `L_min = (V_in - V_LEDstring) * t_ONmax / I_LED`
    ️· Current Sense Resistor:
    `R_sense = [1 + (0.5 * V_ripple)] / I_LED`
    ️· Input Current (approximate):
    `I_in ≈ 0.6mA + (Q_gate * f_s)` (where Q_gate is total gate charge and f_s is switching frequency)
    ️· Switching Frequency (oscillator): (Refer to Figure 4 in the datasheet)

    Important Notes:

    ️· Datasheets are essential: This summary is a guide. Always refer to the full datasheet for complete specifications, detailed diagrams, application examples, and safety precautions.
    ️· Simulation: Simulations are highly recommended before building a physical circuit.
    ️· Component Selection: Carefully select components with appropriate voltage, current, and power ratings.

    1. Overview

    ️· What it is: A constant frequency, off-line LED driver IC.
    ️· Purpose: Designed to drive multiple LEDs in series or parallel, often used in flat panel backlights, signage, and decorative lighting.
    ️· Topology: Buck converter.
    ️· Key Advantages:
    - High Efficiency
    - Minimal External Components
    - Integrated voltage regulator simplifies startup and bias power
    - No external RC filtering needed for current sense blanking
    - Flexible dimming options (DC control via LD pin or PWM via PWMD pin)

    2. Functionality

    ️· Enable/Disable: PWMD pin controls the gate driver. PWMD tied to VDD = Enabled; PWMD tied to GND = Disabled (shutdown mode).
    ️· LED Driver: Works by switching the power MOSFET on and off, controlling the inductor current.
    ️· Current Sense: External resistor (R_SENSE) sets the peak LED current.
    ️· Dimming:
    - LD Pin: Can override the default current sense threshold (V_CS(high)) to lower the peak current (soft start can be implemented here)
    - PWMD Pin: Applying a low-frequency PWM signal (typically 500Hz) to the PWMD pin enables PWM dimming.
    ️· Voltage Regulator: Internal regulator provides a regulated output (typically 7.8V) from an input voltage range of 12V to 450V. This can be bypassed with an external supply for more efficient isolated applications.
    ️· Oscillator: External resistor (R_T) determines the switching frequency.
    ️· Current Sense Blanking: Internal blanking circuit prevents premature termination of the gate drive signal.
    ️· Soft Start: Achieved by slowly ramping up the voltage on the LD pin.

    3. Design Considerations

    ️· Current Sense Resistor (R_SENSE):
    - Critical for setting peak LED current.
    - Calculated based on desired LED current, ripple current, and the internal current sense threshold.
    - Power dissipation must be considered – select a resistor with adequate power rating.
    ️· Inductor:
    - Size is determined by LED ripple current, maximum on-time, and the LED string voltage.
    - Maximum duty cycle should be kept below 50%.
    ️· Switching Frequency: Controlled by R_T resistor. Range is typically 30kHz to 120kHz.
    ️· Input Capacitor: Low ESR capacitor is required at VDD to minimize switching noise.
    ️· PWM Frequency: The recommended PWM dimming frequency is 500Hz.
    ️· Soft Start Implementation: Implement soft start by slowly ramping the voltage applied to the LD pin.

    4. Key Equations

    ️· Enable/Disable (Duty Cycle):
    `D_max = V_LEDstring / (V_in - V_LEDstring)`
    ️· Maximum ON-Time:
    `t_ONmax = D_max / f_s`
    ️· Minimum Inductance:
    `L_min = (V_in - V_LEDstring) * t_ONmax / I_LED`
    ️· Current Sense Resistor:
    `R_sense = [1 + (0.5 * V_ripple)] / I_LED`
    ️· Input Current (approximate):
    `I_in ≈ 0.6mA + (Q_gate * f_s)` (where Q_gate is total gate charge and f_s is switching frequency)
    ️· Switching Frequency (oscillator): (Refer to Figure 4 in the datasheet)

    Important Notes:

    ️· Datasheets are essential: This summary is a guide. Always refer to the full datasheet for complete specifications, detailed diagrams, application examples, and safety precautions.
    ️· Simulation: Simulations are highly recommended before building a physical circuit.
    ️· Component Selection: Carefully select components with appropriate voltage, current, and power ratings.

    Part No.MXHV9910
    ManufacturerCLARE
    Size604 Kbytes
    Pages11 pages
    DescriptionOff-Line, High Brightness LED Driver