công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP28-90 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP28-90 Datasheet

  • # Example questions: ➢ How does the secondary voltage change when configured in series versus parallel?
    ➢ What are the primary voltage options for this power transformer?
    ➢ What is the maximum allowable temperature rise during operation?

  • Part No.LP28-90
    ManufacturerSUPERWORLD
    Size109 Kbytes
    Pages1 page
    DescriptionPOWER TRANSFORMER
    Datasheet Summary with AI

    # LP28-90(F) Series Power Transformer
    ## Configuration & Dimensions
    ️· Size: 2
    ️· L: 48.10 mm (1.894 inch)
    ️· W: 38.10 mm (1.500 inch)
    ️· H: 17.00 mm (0.669 inch)
    ️· A: 40.50 mm (1.594 inch)
    ️· B: 9.50 mm (0.374 inch)
    ️· Weight: 141.75 gram

    ## Electrical Characteristics (@ 25°C)
    ️· Primary Voltage: AC 115/230V, 50/60 Hz
    ️· No Load Primary Current:
    - AC 115V 60Hz: Less than 25mA
    - AC 230V 50Hz: Less than 25mA
    ️· Secondary Voltage: (±5%)
    - Series: AC 46.00V
    - Parallel: AC 23.00V
    ️· Secondary Load Current:
    - Series: 90mA

    - Parallel: 180mA
    ️· Full Load Primary Current:
    - AC 115V 60Hz: Less than 35mA
    - AC 230V 50Hz: Less than 45mA
    ️· Full Load Secondary Voltage: (±5%)
    - Series: 28.00V (Pin 3-4)
    - Parallel: 14.00V (Pin 5-6)
    ️· DC Resistance:
    - Primary: 1080 Ohm
    - Secondary: - Ohm
    ️· Insulation Resistance: DC 500V, 100 Meg Ohm or More
    ️· Withstand Voltage (Hi-Pot): AC 1500V, 60Hz, 1 Minute
    ️· Temperature Rise: Less than 60°C
    ️· Core Size: UI-29 x 5.30 m/m

    # LP28-90(F) Series Power Transformer
    ## Configuration & Dimensions
    ️· Size: 2
    ️· L: 48.10 mm (1.894 inch)
    ️· W: 38.10 mm (1.500 inch)
    ️· H: 17.00 mm (0.669 inch)
    ️· A: 40.50 mm (1.594 inch)
    ️· B: 9.50 mm (0.374 inch)
    ️· Weight: 141.75 gram

    ## Electrical Characteristics (@ 25°C)
    ️· Primary Voltage: AC 115/230V, 50/60 Hz
    ️· No Load Primary Current:
    - AC 115V 60Hz: Less than 25mA
    - AC 230V 50Hz: Less than 25mA
    ️· Secondary Voltage: (±5%)
    - Series: AC 46.00V
    - Parallel: AC 23.00V
    ️· Secondary Load Current:
    - Series: 90mA
    - Parallel: 180mA
    ️· Full Load Primary Current:
    - AC 115V 60Hz: Less than 35mA
    - AC 230V 50Hz: Less than 45mA
    ️· Full Load Secondary Voltage: (±5%)
    - Series: 28.00V (Pin 3-4)
    - Parallel: 14.00V (Pin 5-6)
    ️· DC Resistance:
    - Primary: 1080 Ohm
    - Secondary: - Ohm
    ️· Insulation Resistance: DC 500V, 100 Meg Ohm or More
    ️· Withstand Voltage (Hi-Pot): AC 1500V, 60Hz, 1 Minute
    ️· Temperature Rise: Less than 60°C
    ️· Core Size: UI-29 x 5.30 m/m

    Part No.LP28-90
    ManufacturerSUPERWORLD
    Size109 Kbytes
    Pages1 page
    DescriptionPOWER TRANSFORMER