công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN54LVC652AFK Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SN54LVC652AFK Datasheet

  • # Example questions: ➢ What is the maximum allowable clock frequency (fclock) at a vcc of 3v, and what is it at 7v?
    ➢ What are the typical and maximum input leakage currents (ioff) for the device, and under what conditions are these measured?
    ➢ What is the difference between the ioz and ioff parameters, and how are they related to the device's input/output characteristics?

  • Part No.SN54LVC652AFK
    ManufacturerTI
    Size196 Kbytes
    Pages13 pages
    DescriptionOCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
    Datasheet Summary with AI

    # SN54LVC652A / SN74LVC652A Octal Bus Transceivers & Registers

    ## Description
    ️· Octal bus transceiver and register designed for:
    - SN54LVC652A: 2.7V to 3.6V VCC operation
    - SN74LVC652A: 1.65V to 3.6V VCC operation
    ️· Consists of transceiver circuits, D-type flip-flops, and control circuitry for multiplexed data transmission.
    ️· Characterized for full military temperature range (-55°C to 125°C) for SN54LVC652A and -40°C to 85°C for SN74LVC652A.

    ## Features
    ️· 3-state outputs
    ️· Output Enable (OEAB, OEBA) inputs
    ️· Select Control (SAB, SBA) inputs to select real-time or stored data.
    ️· Can be used as a bus translator in mixed 3.3V/5V systems.

    ## Function Table (Key Inputs & Outputs)

    | Input(s) | Output(s) |
    |---|---|
    | OEAB/OEBA | A1-A8/B1-B8 | Isolation/Data Transfer |

    | CLKAB/CLKBA | A1-A8/B1-B8 | Data Storage |
    | SAB/SBA | A1-A8/B1-B8 | Real-time/Stored Data Selection |

    ## Electrical Characteristics
    ️· VCC Range: 1.65V – 3.6V
    ️· Input Voltage (VI): 0 to 5.5V
    ️· Output High Voltage (VOH): VCC - 0.2V
    ️· Output Low Voltage (VOL): 0.2V – 0.7V (depending on IOL)
    ️· Static Supply Current (ICC): 10 µA

    ## Timing Requirements
    ️· Clock Frequency (fclock): Up to 100 MHz
    ️· Pulse Duration (tw): 3.3 ns
    ️· Setup Time (tsu): 1.5 ns
    ️· Hold Time (th): 1.5 ns

    # SN54LVC652A / SN74LVC652A Octal Bus Transceivers & Registers

    ## Description
    ️· Octal bus transceiver and register designed for:
    - SN54LVC652A: 2.7V to 3.6V VCC operation
    - SN74LVC652A: 1.65V to 3.6V VCC operation
    ️· Consists of transceiver circuits, D-type flip-flops, and control circuitry for multiplexed data transmission.
    ️· Characterized for full military temperature range (-55°C to 125°C) for SN54LVC652A and -40°C to 85°C for SN74LVC652A.

    ## Features
    ️· 3-state outputs
    ️· Output Enable (OEAB, OEBA) inputs
    ️· Select Control (SAB, SBA) inputs to select real-time or stored data.
    ️· Can be used as a bus translator in mixed 3.3V/5V systems.

    ## Function Table (Key Inputs & Outputs)

    Input(s) Output(s)
    OEAB/OEBA A1-A8/B1-B8 Isolation/Data Transfer
    CLKAB/CLKBA A1-A8/B1-B8 Data Storage
    SAB/SBA A1-A8/B1-B8 Real-time/Stored Data Selection

    ## Electrical Characteristics
    ️· VCC Range: 1.65V – 3.6V
    ️· Input Voltage (VI): 0 to 5.5V
    ️· Output High Voltage (VOH): VCC - 0.2V
    ️· Output Low Voltage (VOL): 0.2V – 0.7V (depending on IOL)
    ️· Static Supply Current (ICC): 10 µA

    ## Timing Requirements
    ️· Clock Frequency (fclock): Up to 100 MHz
    ️· Pulse Duration (tw): 3.3 ns
    ️· Setup Time (tsu): 1.5 ns
    ️· Hold Time (th): 1.5 ns

    Part No.SN54LVC652AFK
    ManufacturerTI
    Size196 Kbytes
    Pages13 pages
    DescriptionOCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS