| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SN54HC74 Datasheet
# Example questions:
➢ What jedec standard do the pw and db packages fall within?
➢ What is the maximum body dimension (a max) for a 28-pin pw (r-pdso-g) package?
➢ What are the three different package types this chip comes in?
# SN54HC74 / SN74HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops
## Features & Overview
️· Function: Dual D-type positive-edge-triggered flip-flops with clear and preset.
️· Logic: Low level on PRE or CLR sets/resets outputs regardless of other inputs. Data transferred on rising edge of CLK when PRE & CLR are inactive.
️· Applications: General-purpose logic, data storage, shift registers.
## Electrical Characteristics
️· Supply Voltage (VCC): 2V to 6V
️· Input Voltage (VI): 0V to VCC
️· Output Voltage (VO): 0V to VCC
️· Operating Temperature: -40°C to 85°C (SN74HC74) / -55°C to 125°C (SN54HC74)
️· Maximum Clock Frequency: Up to 60 MHz (depending on VCC)
## Package Options
️· FK (CQCC)
️· DB (PDSO)
️· PW (PDSO)
️· Various others (CDIP, CFP, LCCC, etc.)
## Ordering Information
️· Multiple package and temperature range options available.
️· Refer to datasheet for specific part numbers.
## Key Parameters
️· tpd (Propagation Delay): Typically 15ns (at VCC=5V)
️· Input Current: 1µA max
️· Output Drive: ±4mA at 5V
️· Power Consumption: Low (40µA max ICC)
## Absolute Maximum Ratings
️· VCC: -0.5V to 7V
️· Input Clamp Current: ±20mA
️· Output Clamp Current: ±20mA
## Logic Diagram
️· Standard positive logic flip-flop configuration with D, CLK, PRE, CLR, Q, and Q outputs.
## Package Dimensions
️· Detailed mechanical drawings for each package type are provided.
# SN54HC74 / SN74HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops
## Features & Overview
️· Function: Dual D-type positive-edge-triggered flip-flops with clear and preset.
️· Logic: Low level on PRE or CLR sets/resets outputs regardless of other inputs. Data transferred on rising edge of CLK when PRE & CLR are inactive.
️· Applications: General-purpose logic, data storage, shift registers.
## Electrical Characteristics
️· Supply Voltage (VCC): 2V to 6V
️· Input Voltage (VI): 0V to VCC
️· Output Voltage (VO): 0V to VCC
️· Operating Temperature: -40°C to 85°C (SN74HC74) / -55°C to 125°C (SN54HC74)
️· Maximum Clock Frequency: Up to 60 MHz (depending on VCC)
## Package Options
️· FK (CQCC)
️· DB (PDSO)
️· PW (PDSO)
️· Various others (CDIP, CFP, LCCC, etc.)
## Ordering Information
️· Multiple package and temperature range options available.
️· Refer to datasheet for specific part numbers.
## Key Parameters
️· tpd (Propagation Delay): Typically 15ns (at VCC=5V)
️· Input Current: 1µA max
️· Output Drive: ±4mA at 5V
️· Power Consumption: Low (40µA max ICC)
## Absolute Maximum Ratings
️· VCC: -0.5V to 7V
️· Input Clamp Current: ±20mA
️· Output Clamp Current: ±20mA
## Logic Diagram
️· Standard positive logic flip-flop configuration with D, CLK, PRE, CLR, Q, and Q outputs.
## Package Dimensions
️· Detailed mechanical drawings for each package type are provided.
| Part No. | SN54HC74 |
| Manufacturer | TI |
| Size | 96 Kbytes |
| Pages | 16 pages |
| Description | DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET |