| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B2M Datasheet
# Example questions:
➢ What is the maximum forward voltage drop per diode at 0.5a?
➢ What is the typical thermal resistance (rθja) for the b2m?
➢ What package code is used for an ordering quantity delivered via tube?
# B2M, B4M & B6M Miniature Glass Passivated Bridge Rectifiers
## Features
· UL recognized (file number E54214)
· Suitable for printed circuit boards & automotive insertion
· RoHS & WEEE compliant
· Solder dip 260 °C, 40 s
· Available in consumer grade (E3 suffix)
## Applications
· AC-to-DC bridge rectification
· Power supplies
· Lighting ballasts
· Battery chargers
· Home & office appliances
· Telecommunications
## Electrical Characteristics
· IF(AV): 0.5 A
· VRRM: 200 V, 400 V, 600 V (depending on model)
· IFSM: 30 A
· IR: 5 µA (max)
· VF: 1.0 V (max)
· TJ max.: 150 °C
## Maximum Ratings
| Parameter | Symbol | B2M | B4M | B6M | Unit |
|---|---|---|---|---|---|
| Max Repetitive Peak Reverse Voltage | VRRM | 200 | 400 | 600 | V |
| Max RMS Voltage | VRMS | 140 | 280 | 420 | V |
| Max DC Blocking Voltage | VDC | 200 | 400 | 600 | V |
# B2M, B4M & B6M Miniature Glass Passivated Bridge Rectifiers
## Features
· UL recognized (file number E54214)
· Suitable for printed circuit boards & automotive insertion
· RoHS & WEEE compliant
· Solder dip 260 °C, 40 s
· Available in consumer grade (E3 suffix)
## Applications
· AC-to-DC bridge rectification
· Power supplies
· Lighting ballasts
· Battery chargers
· Home & office appliances
· Telecommunications
## Electrical Characteristics
· IF(AV): 0.5 A
· VRRM: 200 V, 400 V, 600 V (depending on model)
· IFSM: 30 A
· IR: 5 µA (max)
· VF: 1.0 V (max)
· TJ max.: 150 °C
## Maximum Ratings
| Parameter | Symbol | B2M | B4M | B6M | Unit |
|---|---|---|---|---|---|
| Max Repetitive Peak Reverse Voltage | VRRM | 200 | 400 | 600 | V |
| Max RMS Voltage | VRMS | 140 | 280 | 420 | V |
| Max DC Blocking Voltage | VDC | 200 | 400 | 600 | V |
| Part No. | B2M |
| Manufacturer | VISHAY |
| Size | 100 Kbytes |
| Pages | 4 pages |
| Description | Miniature Glass Passivated Single-Phase Bridge Rectifiers |