| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about L6756D Datasheet
# Example questions:
➢ What does rthja represent, and what is its value as stated in the documentation?
➢ What are the two possible configurations for the psi_a pin, and how do these configurations affect the functionality of the psi# / vr10 pin?
➢ What is the primary function of the 'ltb' pin and where can more detailed information about its operation be found?
This is a very detailed datasheet excerpt for the L6756D power management IC, specifically focusing on its pin descriptions and thermal data. Here's a summary of the key information:
Core Function:
️· The L6756D is a multi-phase synchronous buck controller designed for VR applications (likely CPUs and GPUs). It's a sophisticated PMIC designed to deliver stable, efficient power.
Key Features & Capabilities (based on the excerpt):
️· Multi-Phase Support: Supports up to 4 phases (can be configured for 2 or 3 phase operation).
️· Advanced Control: Includes features like:
- Synchronous rectification for higher efficiency.
- Load Transient Boost Technology (LTB) to quickly respond to load changes.
- Soft-start capabilities.
- Overcurrent protection (OCP).
- Overvoltage protection (OVP) and undervoltage protection (UVP).
- Remote sense for accurate voltage regulation.
- Voltage Positioning (DROOP)
️· Programmability: Extensive programmability through external resistors and the VID (Voltage IDentification) interface, allowing customization of output voltage, soft-start time, switching frequency, and protection thresholds.
️· Low-Power State Management: Supports CPU power states (PSI - Power State Indicator) for efficient operation in various modes.
️· Comprehensive Protection: Offers a range of protections, including overcurrent, overvoltage, undervoltage, and thermal shutdown.
️· Current Monitoring: Provides current monitor output to implement a load indicator.
Pinout Highlights:
️· VID Pins: Used to digitally program the output voltage.
️· PWM Outputs: Control the external MOSFET drivers.
️· Current Sense Pins: Used for accurate current monitoring and overcurrent protection.
️· PSI/VR10 Pin: Configuration pin to select VR10 or VR11 mode and/or low power functionality.
️· CSx Pins: Current sense inputs for each phase.
️· VCC & GND: Power supply and ground connections.
Thermal Considerations:
️· RthJA: 35°C/W (Important for PCB design to manage heat dissipation).
️· RthJC: 1°C/W.
️· Maximum Junction Temperature (TMAX): 150°C.
Overall, this excerpt provides a detailed overview of the L6756D's capabilities and pin functionality, making it essential for hardware engineers designing power delivery systems. The level of detail suggests this is a complex IC intended for advanced applications where precise control and high efficiency are crucial.
This is a very detailed datasheet excerpt for the L6756D power management IC, specifically focusing on its pin descriptions and thermal data. Here's a summary of the key information:
Core Function:
️· The L6756D is a multi-phase synchronous buck controller designed for VR applications (likely CPUs and GPUs). It's a sophisticated PMIC designed to deliver stable, efficient power.
Key Features & Capabilities (based on the excerpt):
️· Multi-Phase Support: Supports up to 4 phases (can be configured for 2 or 3 phase operation).
️· Advanced Control: Includes features like:
- Synchronous rectification for higher efficiency.
- Load Transient Boost Technology (LTB) to quickly respond to load changes.
- Soft-start capabilities.
- Overcurrent protection (OCP).
- Overvoltage protection (OVP) and undervoltage protection (UVP).
- Remote sense for accurate voltage regulation.
- Voltage Positioning (DROOP)
️· Programmability: Extensive programmability through external resistors and the VID (Voltage IDentification) interface, allowing customization of output voltage, soft-start time, switching frequency, and protection thresholds.
️· Low-Power State Management: Supports CPU power states (PSI - Power State Indicator) for efficient operation in various modes.
️· Comprehensive Protection: Offers a range of protections, including overcurrent, overvoltage, undervoltage, and thermal shutdown.
️· Current Monitoring: Provides current monitor output to implement a load indicator.
Pinout Highlights:
️· VID Pins: Used to digitally program the output voltage.
️· PWM Outputs: Control the external MOSFET drivers.
️· Current Sense Pins: Used for accurate current monitoring and overcurrent protection.
️· PSI/VR10 Pin: Configuration pin to select VR10 or VR11 mode and/or low power functionality.
️· CSx Pins: Current sense inputs for each phase.
️· VCC & GND: Power supply and ground connections.
Thermal Considerations:
️· RthJA: 35°C/W (Important for PCB design to manage heat dissipation).
️· RthJC: 1°C/W.
️· Maximum Junction Temperature (TMAX): 150°C.
Overall, this excerpt provides a detailed overview of the L6756D's capabilities and pin functionality, making it essential for hardware engineers designing power delivery systems. The level of detail suggests this is a complex IC intended for advanced applications where precise control and high efficiency are crucial.
| Part No. | L6756D |
| Manufacturer | STMICROELECTRONICS |
| Size | 650 Kbytes |
| Pages | 36 pages |
| Description | 2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications |