công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP1184 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AP1184_08 Datasheet

  • # Example questions: ➢ What capacitor values are recommended for ccontrol, cpower and cout, and what are their respective purposes?
    ➢ What is the typical marking scheme for the to263-5l package, and what does the 'xx' represent in the '1184-xx' marking?
    ➢ The datasheet presents graphs for dropout voltage vs output current and reference voltage vs junction temperature. explain how these graphs would be used when designing a power supply using this regulator.

  • Part No.AP1184_08
    ManufacturerDIODES
    Size265 Kbytes
    Pages12 pages
    Description4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
    Datasheet Summary with AI

    Okay, I'm summarizing the provided text about the AP1184 regulator. Here's a breakdown, organized for clarity.

    1. Overview

    ️· The AP1184 is a low-dropout (LDO) regulator. It's designed to efficiently regulate voltage, even when the input voltage is only slightly higher than the desired output voltage.

    2. Key Features & Specifications

    ️· Adjustable Output Voltage: The regulator can be configured for various output voltages.
    ️· Low Dropout Voltage: A key characteristic allowing it to operate with a small difference between input and output voltage.
    ️· Current Capability: Supports a wide current range, from 10mA to 4A.
    ️· Package Options: Available in both TO263-5L and TO220-5L packages.
    ️· Fixed Voltage Options: Common fixed voltage options are 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V.
    ️· Marking: Marking information includes output voltage designation, week of manufacture, and year code, as well as a lead-free indicator (L).

    3. Electrical Characteristics & Performance

    ️· Dropout Voltage: It is described as having a low dropout voltage, allowing it to function with minimal voltage difference between the input and output.
    ️· Transient Response: The regulator has a good transient response, maintaining stable output during load changes.
    ️· Reference Voltage vs. Junction Temperature: The reference voltage changes slightly with temperature.

    ️· Load Regulation: The load regulation indicates how much the output voltage changes with varying load current.

    4. Package Dimensions

    ️· Detailed diagrams and dimensions are provided for both the TO263-5L and TO220-5L packages (but the specific measurements aren’t included here in this summary).

    5. Marking Information Explained

    ️· TO263-5L and TO220-5L:
    - 1184-XX: Identifies the fixed output voltage (e.g., 1184-33 for 3.3V).
    - YY: Year code.
    - WW: Week of manufacture (01-52).
    - X: Internal code.
    - L: Lead-free indicator.

    In essence, the AP1184 is a versatile, low-dropout regulator suitable for applications where efficient voltage regulation with a small input/output voltage difference is required.

    1. Overview

    ️· The AP1184 is a low-dropout (LDO) regulator. It's designed to efficiently regulate voltage, even when the input voltage is only slightly higher than the desired output voltage.

    2. Key Features & Specifications

    ️· Adjustable Output Voltage: The regulator can be configured for various output voltages.
    ️· Low Dropout Voltage: A key characteristic allowing it to operate with a small difference between input and output voltage.
    ️· Current Capability: Supports a wide current range, from 10mA to 4A.
    ️· Package Options: Available in both TO263-5L and TO220-5L packages.
    ️· Fixed Voltage Options: Common fixed voltage options are 1.5V, 1.8V, 2.5V, 3.3V, and 5.0V.
    ️· Marking: Marking information includes output voltage designation, week of manufacture, and year code, as well as a lead-free indicator (L).

    3. Electrical Characteristics & Performance

    ️· Dropout Voltage: It is described as having a low dropout voltage, allowing it to function with minimal voltage difference between the input and output.
    ️· Transient Response: The regulator has a good transient response, maintaining stable output during load changes.
    ️· Reference Voltage vs. Junction Temperature: The reference voltage changes slightly with temperature.
    ️· Load Regulation: The load regulation indicates how much the output voltage changes with varying load current.

    4. Package Dimensions

    ️· Detailed diagrams and dimensions are provided for both the TO263-5L and TO220-5L packages (but the specific measurements aren’t included here in this summary).

    5. Marking Information Explained

    ️· TO263-5L and TO220-5L:
    - 1184-XX: Identifies the fixed output voltage (e.g., 1184-33 for 3.3V).
    - YY: Year code.
    - WW: Week of manufacture (01-52).
    - X: Internal code.
    - L: Lead-free indicator.

    In essence, the AP1184 is a versatile, low-dropout regulator suitable for applications where efficient voltage regulation with a small input/output voltage difference is required.

    Part No.AP1184_08
    ManufacturerDIODES
    Size265 Kbytes
    Pages12 pages
    Description4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR