| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SAA3004T Datasheet
# Example questions:
➢ What is the typical output voltage high (voh) for the remo data output with -ioh = 40ma?
➢ What is the purpose of the 'θ' parameter listed in the so20 package outline specifications?
➢ What are the two package outlines detailed in the document, and what are their respective identifiers (e.g., sotxxx-x)?
This document is a datasheet for the Philips (now NXP) SAA3004 remote control transmitter IC. Here's a summary of its key aspects:
Core Function: The SAA3004 is designed to be the heart of a remote control transmitter, likely for consumer electronics (TVs, VCRs, etc.).
Key Features/Specifications (gleaned from the document):
️· Package Options: Available in both DIP20 (through-hole) and SO20 (surface-mount) packages. Detailed package outlines with dimensions are included.
️· Supply Voltage: (Not explicitly stated, but implied by the output voltage specs) Likely operates around 5-6V.
️· Data Output: Has a REMO (Remote Output) signal.
️· Oscillator: Includes an internal oscillator.
️· Low Power Consumption: Designed for battery-powered applications.
️· Key Parameters documented: Numerous electrical characteristics including output voltages (high/low), input/output currents, and oscillator specs.
Document Structure:
️· Electrical Characteristics Tables: A large portion of the document is dedicated to detailed electrical specifications.
️· Package Outlines: Comprehensive drawings with dimensions for both DIP and SOIC packages are included.
️· Version Control: Includes dates of revision of both the document and the package outlines.
Overall:
This datasheet provides the necessary technical information for an engineer to design a remote control system using the SAA3004. It covers electrical characteristics, package dimensions, and other crucial details for proper implementation. It's a fairly typical datasheet for an IC from that era (1982/90s revisions).
Core Function: The SAA3004 is designed to be the heart of a remote control transmitter, likely for consumer electronics (TVs, VCRs, etc.).
Key Features/Specifications (gleaned from the document):
️· Package Options: Available in both DIP20 (through-hole) and SO20 (surface-mount) packages. Detailed package outlines with dimensions are included.
️· Supply Voltage: (Not explicitly stated, but implied by the output voltage specs) Likely operates around 5-6V.
️· Data Output: Has a REMO (Remote Output) signal.
️· Oscillator: Includes an internal oscillator.
️· Low Power Consumption: Designed for battery-powered applications.
️· Key Parameters documented: Numerous electrical characteristics including output voltages (high/low), input/output currents, and oscillator specs.
Document Structure:
️· Electrical Characteristics Tables: A large portion of the document is dedicated to detailed electrical specifications.
️· Package Outlines: Comprehensive drawings with dimensions for both DIP and SOIC packages are included.
️· Version Control: Includes dates of revision of both the document and the package outlines.
Overall:
This datasheet provides the necessary technical information for an engineer to design a remote control system using the SAA3004. It covers electrical characteristics, package dimensions, and other crucial details for proper implementation. It's a fairly typical datasheet for an IC from that era (1982/90s revisions).
| Part No. | SAA3004T |
| Manufacturer | PHILIPS |
| Size | 103 Kbytes |
| Pages | 16 pages |
| Description | Remote control transmitter |