công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI
Size3Mb
Pages55 pages
DescriptionLM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
Datasheet SummaryAI
# LM393B, LM2903B, LM193, LM293, LM393 & LM2903 Dual Comparators

## Features
️· New: LM393B and LM2903B versions available.
️· Improved Specifications: Enhanced performance in B-versions (e.g., up to 38V rating, 2kV ESD, low offset, current, propagation delay).
️· Compatibility: B-versions are drop-in replacements for previous A and V grades.
️· Input Range: Common-mode input can include ground.
️· Differential Input: Up to ±38V.
️· Output: Compatible with TTL, MOS, and CMOS logic.

## Applications
️· Vacuum robots
️· Single-phase UPS
️· Server PSU
️· Cordless power tools
️· Wireless infrastructure
️· Appliances
️· Building automation
️· Factory automation & control
️· Motor drives
️· Infotainment & cluster

## Description
The LM393B & LM2903B are next-generation dual comparators, offering improved specifications for cost-sensitive applications. They operate from a single power supply and are designed for versatility. They feature low offset voltage, high supply voltage capability, low power consumption, and improved ESD performance.

## Device Information

Part Number Package Body Size (Nom)
LM393B/LM2903B/LM193/LM293/LM293A/LM393/LM393A/LM2903/LM2903V SOIC (8) 4.90mm x 3.91mm
LM393B/LM293/LM293A/LM393/LM393A/LM2903 VSSOP (8) 3.00mm x 3.00mm
LM293/LM393/LM393A/LM2903 PDIP (8) 9.81mm x 6.35mm
LM393/LM393A/LM2903 SO (8) 6.20mm x 5.30mm
LM393B/LM293/LM293A/LM393/LM2903/LM2903V TSSOP (8) 3.00mm x 4.40mm
LM393B SOT-23 (8) 2.90mm x 1.60mm
LM393B/LM2903B WSON (8) 2.00mm x 2.00mm

## Electrical Characteristics (LM393B)

️· Supply Voltage: 3 to 36V
️· Input Offset Voltage: ±0.37mV
️· Input Bias Current: 3.5nA
️· Quiescent Current: 600µA
️· Response Time: 1µs

## Thermal Information

️· Junction Temperature: 150°C
️· Specific thermal resistance values available for various packages (SOIC, VSSOP, PDIP, etc.).
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the purpose of the 'ψ' (psi) parameters (ψjt and ψjb) listed in the thermal information section, and how are they used to characterize thermal performance?➤ What are the key differences in the recommended operating temperature ranges for the lm193 versus the lm2903b?➤ Which package type for the lm2903 series exhibits the lowest junction-to-ambient thermal resistance (rθja)?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI
    Size3Mb
    Pages55 pages
    DescriptionLM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
    Datasheet Summary AI Expand summary
    # LM393B, LM2903B, LM193, LM293, LM393 & LM2903 Dual Comparators

    ## Features
    ️· New: LM393B and LM2903B versions available.
    ️· Improved Specifications: Enhanced performance in B-versions (e.g., up to 38V rating, 2kV ESD, low offset, current, propagation delay).
    ️· Compatibility: B-versions are drop-in replacements for previous A and V grades.
    ️· Input Range: Common-mode input can include ground.
    ️· Differential Input: Up to ±38V.
    ️· Output: Compatible with TTL, MOS, and CMOS logic.

    ## Applications
    ️· Vacuum robots
    ️· Single-phase UPS
    ️· Server PSU
    ️· Cordless power tools
    ️· Wireless infrastructure
    ️· Appliances
    ️· Building automation
    ️· Factory automation & control
    ️· Motor drives
    ️· Infotainment & cluster

    ## Description
    The LM393B & LM2903B are next-generation dual comparators, offering improved specifications for cost-sensitive applications. They operate from a single power supply and are designed for versatility. They feature low offset voltage, high supply voltage capability, low power consumption, and improved ESD performance.

    ## Device Information

    Part Number Package Body Size (Nom)
    LM393B/LM2903B/LM193/LM293/LM293A/LM393/LM393A/LM2903/LM2903V SOIC (8) 4.90mm x 3.91mm
    LM393B/LM293/LM293A/LM393/LM393A/LM2903 VSSOP (8) 3.00mm x 3.00mm
    LM293/LM393/LM393A/LM2903 PDIP (8) 9.81mm x 6.35mm
    LM393/LM393A/LM2903 SO (8) 6.20mm x 5.30mm
    LM393B/LM293/LM293A/LM393/LM2903/LM2903V TSSOP (8) 3.00mm x 4.40mm
    LM393B SOT-23 (8) 2.90mm x 1.60mm
    LM393B/LM2903B WSON (8) 2.00mm x 2.00mm

    ## Electrical Characteristics (LM393B)

    ️· Supply Voltage: 3 to 36V
    ️· Input Offset Voltage: ±0.37mV
    ️· Input Bias Current: 3.5nA
    ️· Quiescent Current: 600µA
    ️· Response Time: 1µs

    ## Thermal Information

    ️· Junction Temperature: 150°C
    ️· Specific thermal resistance values available for various packages (SOIC, VSSOP, PDIP, etc.).