công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

125310M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 125310M Datasheet

  • # Example questions: ➢ What is the minimum core cross-section this terminal block can accommodate?
    ➢ What is the maximum allowable ambient temperature for operation?
    ➢ What type of material is used for the insulating parts of this terminal block?

  • Part No.125310M
    ManufacturerADELS
    Size122 Kbytes
    Pages2 pages
    Description1000/10 MDS
    Datasheet Summary with AI

    # 1000/10 MDS Terminal Block

    ## General Description

    ️· Terminal Block, 10 pole
    ️· Insulating Material: PA 6
    ️· Cross-Section: 6.0 mm²
    ️· Pin Spacing: 12.0 mm
    ️· Centre Stop (MDS): yes
    ️· Fixing: Screw
    ️· Colour: natural

    ## Technical Specifications

    ️· Voltage Rating: 500 V
    ️· Current Rating: 41 A
    ️· Contact Material: Brass
    ️· Core Cross-Section (min): 0.5 mm²
    ️· Core Cross-Section (max): 6.0 mm²
    ️· Flammability Rating: V-2

    ️· Max. Ambient Temperature: 85 °C
    ️· Accepts Solid, Flexible, and Stranded Conductors
    ️· Stripping Length: 7.5-8.0 mm
    ️· Assembly Contact Screw: 0.8x4.0 / 0.8 Nm
    ️· Fixing: Screw

    ## Approvals

    ️· EN60998
    ️· UL
    ️· CSA

    ## Accessories

    ️· 1000 BZ/10 (191410)
    ️· ABK 406/10 (193310)
    ️· ZEL 110 (196420)

    # 1000/10 MDS Terminal Block

    ## General Description

    ️· Terminal Block, 10 pole
    ️· Insulating Material: PA 6
    ️· Cross-Section: 6.0 mm²
    ️· Pin Spacing: 12.0 mm
    ️· Centre Stop (MDS): yes
    ️· Fixing: Screw
    ️· Colour: natural

    ## Technical Specifications

    ️· Voltage Rating: 500 V
    ️· Current Rating: 41 A
    ️· Contact Material: Brass
    ️· Core Cross-Section (min): 0.5 mm²
    ️· Core Cross-Section (max): 6.0 mm²
    ️· Flammability Rating: V-2
    ️· Max. Ambient Temperature: 85 °C
    ️· Accepts Solid, Flexible, and Stranded Conductors
    ️· Stripping Length: 7.5-8.0 mm
    ️· Assembly Contact Screw: 0.8x4.0 / 0.8 Nm
    ️· Fixing: Screw

    ## Approvals

    ️· EN60998
    ️· UL
    ️· CSA

    ## Accessories

    ️· 1000 BZ/10 (191410)
    ️· ABK 406/10 (193310)
    ️· ZEL 110 (196420)

    Part No.125310M
    ManufacturerADELS
    Size122 Kbytes
    Pages2 pages
    Description1000/10 MDS