| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TMP235_18 Datasheet
# Example questions:
➢ What is the typical supply current (idd) at 25°c, according to figure 5?
➢ How does increasing the load current affect the accuracy of the tmp235?
➢ What is the typical operating supply voltage range for the tmp235?
# TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
## Features
️· Cost-Effective Alternative to Thermistors
️· Wide Temperature Measurement Range: -40°C to +150°C (TMP235), -10°C to +125°C (TMP236)
️· Accuracy Level Variants: A2 (±0.5°C Typical), A4 (±1°C Typical)
️· Positive Slope Sensor Gain: 10 mV/°C (TMP235), 19.5 mV/°C (TMP236)
️· Wide Operating Supply Voltage Range: 2.3 V to 5.5 V (TMP235), 3.1 V to 5.5 V (TMP236)
️· Short Circuit Protected Output
️· Low Power: 9 μA (Typical)
️· Strong Output for Loads Up To 1000 pF
️· Available Packages: 5-Pin SC70 (DCK), 3-Pin SOT-23 (DBZ)
## Applications
️· Grid Infrastructure
️· Wireless and Telecom Infrastructure
️· Automotive Infotainment
️· Factory Automation and Control
️· Test and Measurement
## Description
The TMP23x devices are precision, linear analog temperature sensors with an output voltage proportional to temperature. Accuracy is ±1°C (0°C to +70°C) or ±2°C. The TMP235 provides 10mV/°C output, while the TMP236 offers 19.5 mV/°C. Low power consumption (9μA typical) and strong output drive capacity make the device suitable for battery-powered applications.
## Specifications
️· Supply Voltage (VDD): 2.3V-5.5V (TMP235), 3.1V-5.5V (TMP236)
️· Operating Temperature Range: -40°C to +150°C (TMP235), -10°C to +125°C (TMP236)
️· Output Offset: 500 mV (TMP235), 400 mV (TMP236)
️· Temperature Coefficient (Gain): 10 mV/°C (TMP235), 19.5 mV/°C (TMP236)
️· Output Current: Up to 500 μA
️· Typical Power Consumption: 9 μA
️· Load Capacitance: Up to 1000 pF
## Package Options
️· SC70 (DCK): 5-Pin
️· SOT-23 (DBZ): 3-Pin
# TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
## Features
️· Cost-Effective Alternative to Thermistors
️· Wide Temperature Measurement Range: -40°C to +150°C (TMP235), -10°C to +125°C (TMP236)
️· Accuracy Level Variants: A2 (±0.5°C Typical), A4 (±1°C Typical)
️· Positive Slope Sensor Gain: 10 mV/°C (TMP235), 19.5 mV/°C (TMP236)
️· Wide Operating Supply Voltage Range: 2.3 V to 5.5 V (TMP235), 3.1 V to 5.5 V (TMP236)
️· Short Circuit Protected Output
️· Low Power: 9 μA (Typical)
️· Strong Output for Loads Up To 1000 pF
️· Available Packages: 5-Pin SC70 (DCK), 3-Pin SOT-23 (DBZ)
## Applications
️· Grid Infrastructure
️· Wireless and Telecom Infrastructure
️· Automotive Infotainment
️· Factory Automation and Control
️· Test and Measurement
## Description
The TMP23x devices are precision, linear analog temperature sensors with an output voltage proportional to temperature. Accuracy is ±1°C (0°C to +70°C) or ±2°C. The TMP235 provides 10mV/°C output, while the TMP236 offers 19.5 mV/°C. Low power consumption (9μA typical) and strong output drive capacity make the device suitable for battery-powered applications.
## Specifications
️· Supply Voltage (VDD): 2.3V-5.5V (TMP235), 3.1V-5.5V (TMP236)
️· Operating Temperature Range: -40°C to +150°C (TMP235), -10°C to +125°C (TMP236)
️· Output Offset: 500 mV (TMP235), 400 mV (TMP236)
️· Temperature Coefficient (Gain): 10 mV/°C (TMP235), 19.5 mV/°C (TMP236)
️· Output Current: Up to 500 μA
️· Typical Power Consumption: 9 μA
️· Load Capacitance: Up to 1000 pF
## Package Options
️· SC70 (DCK): 5-Pin
️· SOT-23 (DBZ): 3-Pin
| Part No. | TMP235_18 |
| Manufacturer | TI1 |
| Size | 974 Kbytes |
| Pages | 20 pages |
| Description | Low-Power, High-Accuracy Analog Output Temperature Sensors |